Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 247 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 247 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 243Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 244Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 245Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 246Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 247Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 248Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 249Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 250Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 251Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
247
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
FLL2_SYNC_DF
SAT
1
FLL2 Synchroniser Bandwidth
0 = Wide bandwidth
1 = Narrow bandwidth
Table 105 FLL2 Register Map
FREE-RUNNING FLL MODE
The FLL can generate a clock signal even when no external reference is available. This may be
because the normal input reference has been interrupted, or may be during a standby or start-up
period when no initial reference clock is available.
Free-running FLL mode is enabled using the FLLn_FREERUN register. (Note that FLLn_ENA must
also be enabled in Free-running FLL mode.)
In Free-running FLL mode, the normal feedback mechanism of the FLL is halted, and the FLL
oscillates independently of the external input reference(s).
If the FLL was previously operating normally, (with an input reference clock), then the FLL output
frequency will remain unchanged when Free-running FLL mode is enabled. The FLL output will be
independent of the input reference while operating in free-running mode with FLLn_FREERUN=1.
The main FLL loop will always continue to free-run if the input reference clock is stopped (regardless
of the FLLn_FREERUN setting). If FLLn_FREERUN=0, the FLL will re-lock to the input reference
whenever it is available.
If the FLL is started up in free-running mode, (ie. it was not previously running), then the FLL output
frequency will be as specified in the “Electrical Characteristics” section.
Note that the FLL integrator setting does not ensure a specific output frequency for the FLL across all
devices and operating conditions; a significant level of variation will apply, especially if the FLL is
operating independently of any input reference.
Note that the free-running FLL clock may be selected as the SYSCLK source or ASYNCCLK source
as shown Figure 68.
The Free-running FLL mode is enabled using the register bits described in Table 106.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R369
(0171h)
FLL1
Control 1
1
FLL1_FREERUN
1
FLL1 Free-Running Mode Enable
0 = Disabled
1 = Enabled
The FLL feedback mechanism is halted in
Free-Running mode, and the latest
integrator setting is maintained
R401
(0191h)
FLL2
Control 1
1
FLL2_FREERUN
0
FLL2 Free-Running Mode Enable
0 = Disabled
1 = Enabled
The FLL feedback mechanism is halted in
Free-Running mode, and the latest
integrator setting is maintained
Table 106 Free-Running FLL Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com