Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 244 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 244 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 240Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 241Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 242Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 243Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 244Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 245Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 246Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 247Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 248Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
244
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R391
(0187h)
FLL1
Synchroni
ser 7
5:2
FLL1_SYNC_GAI
N [3:0]
0000
FLL1 Synchroniser Gain
0000 = 1
0001 = 2
0010 = 4
0011 = 8
0100 = 16
0101 = 32
0110 = 64
0111 = 128
1000 to 1111 = 256
0
FLL1_SYNC_DF
SAT
1
FLL1 Synchroniser Bandwidth
0 = Wide bandwidth
1 = Narrow bandwidth
Table 104 FLL1 Register Map
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R401
(0191h)
FLL2
Control 1
0
FLL2_ENA
0
FLL2 Enable
0 = Disabled
1 = Enabled
This should be set as the final step of the
FLL2 enable sequence, ie. after the other
FLL registers have been configured.
R402
(0192h)
FLL2
Control 2
15
FLL2_CTRL_UP
D
0
FLL2 Control Update
Write ‘1’ to apply the FLL2_N and
FLL2_THETA register settings.
(Only valid when FLL2_ENA=1)
9:0
FLL2_N [9:0]
008h
FLL2 Integer multiply for FREF
(LSB = 1)
If updated while the FLL is enabled, the
new value is only effective when a ‘1’ is
written to FLL2_CTRL_UPD.
R403
(0193h)
FLL2
Control 3
15:0
FLL2_THETA
[15:0]
0018h
FLL2 Fractional multiply for FREF
This field sets the numerator (multiply)
part of the FLL2_THETA / FLL2_LAMBDA
ratio.
Coded as LSB = 1.
If updated while the FLL is enabled, the
new value is only effective when a ‘1’ is
written to FLL2_CTRL_UPD.
R404
(0194h)
FLL2
Control 4
15:0
FLL2_LAMBDA
[15:0]
007Dh
FLL2 Fractional multiply for FREF
This field sets the denominator (dividing)
part of the FLL2_THETA / FLL2_LAMBDA
ratio.
Coded as LSB = 1.
R405
(0195h)
FLL2
Control 5
10:8
FLL2_FRATIO
[2:0]
000
FLL2 FVCO clock divider
000 = 1
001 = 2
010 = 4
011 = 8
1XX = 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com