Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 242 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 242 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 238Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 239Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 240Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 241Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 242Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 243Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 244Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 245Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 246Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
242
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R373
(0175h)
FLL1
Control 5
10:8
FLL1_FRATIO
[2:0]
000
FLL1 FVCO clock divider
000 = 1
001 = 2
010 = 4
011 = 8
1XX = 16
3:1
FLL1_OUTDIV
[2:0]
010
FLL1 FOUT clock divider
000 = Reserved
001 = Reserved
010 = Divide by 2
011 = Divide by 3
100 = Divide by 4
101 = Divide by 5
110 = Divide by 6
111 = Divide by 7
(FOUT = FVCO / FLL1_OUTDIV)
R374
(0176h)
FLL1
Control 6
7:6
FLL1_REFCLK_D
IV [1:0]
00
FLL1 Clock Reference Divider
00 = 1
01 = 2
10 = 4
11 = 8
MCLK (or other input reference) must be
divided down to <=13.5MHz.
For lower power operation, the reference
clock can be divided down further if
desired.
3:0
FLL1_REFCLK_S
RC
0000
FLL1 Clock source
0000 = MCLK1
0001 = MCLK2
0011 = SLIMCLK
0100 = FLL1
0101 = FLL2
1000 = AIF1BCLK
1001 = AIF2BCLK
1010 = AIF3BCLK
1100 = AIF1RXLRCLK
1101 = AIF2RXLRCLK
1110 = AIF3RXLRCLK
All other codes are Reserved
R377
(0179h)
FLL1
Control 7
5:2
FLL1_GAIN [3:0]
0000
FLL1 Gain
0000 = 1
0001 = 2
0010 = 4
0011 = 8
0100 = 16
0101 = 32
0110 = 64
0111 = 128
1000 to 1111 = 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com