Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 239 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 239 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 235Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 236Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 237Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 238Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 239Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 240Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 241Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 242Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 243Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
239
The FLL output frequency is generated according to the following equation:
FOUT = (FVCO / FLLn_OUTDIV)
The FLL operating frequency, FVCO is set according to the following equation:
FVCO = (FREF x N.K x FLLn_FRATIO)
FREF is the input frequency, as determined by FLLn_REFCLK_DIV.
FVCO must be in the range 90MHz to 104MHz. Frequencies outside this range cannot be supported.
Note that the output frequencies that do not lie within the ranges quoted above cannot be guaranteed
across the full range of device operating conditions.
In order to follow the above requirements for FVCO, the value of FLLn_OUTDIV should be selected
according to the desired output FOUT. The divider, FLLn_OUTDIV, must be set so that FVCO is in the
range 90MHz to 104MHz. Supported settings of FLLn_OUTDIV are noted in Table 101.
OUTPUT FREQUENCY FOUT
FLLn_OUTDIV
22.5 MHz to 26 MHz
100 (divide by 4)
45 MHz to 50 MHz
010 (divide by 2)
Table 101 Selection of FLLn_OUTDIV
The FLLn_FRATIO field selects the frequency division ratio of the FLL input. The FLLn_GAIN field is
used to optimise the FLL, according to the input frequency. These fields should be set as described in
Table 102.
REFERENCE
FREQUENCY FREF
FLLn_FRATIO
FLLn_GAIN
1MHz - 13.5MHz
0h (divide by 1)
4h (16x gain)
256kHz - 1MHz
1h (divide by 2)
2h (4x gain)
128kHz - 256kHz
2h (divide by 4)
0h (1x gain)
64kHz - 128kHz
3h (divide by 8)
0h (1x gain)
Less than 64kHz
4h (divide by 16)
0h (1x gain)
Table 102 Selection of FLLn_FRATIO and FLLn_GAIN
In order to determine the remaining FLL parameters, the FLL operating frequency, FVCO, must be
calculated, as given by the following equation:
FVCO = (FOUT x FLLn_OUTDIV)
The value of N.K can then be determined as follows:
N.K = FVCO / (FLLn_FRATIO x FREF)
Note that, in the above equations:
FLLn_OUTDIV is the FOUT clock ratio.
FREF is the input frequency, after division by FLLn_REFCLK_DIV, where applicable.
FLLn_FRATIO is the FVCO clock ratio (1, 2, 4, 8 or 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com