Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 235 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 235 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 231Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 232Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 233Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 234Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 235Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 236Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 237Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 238Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 239Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
235
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R339
(0153h)
Rate
Estimator
2
4:0
SAMPLE_RATE_
DETECT_A [4:0]
00h
Automatic Detection Sample Rate A
(Up to four different sample rates can be
configured for automatic detection.)
Register coding is same as
SAMPLE_RATE_n.
R340
(0154h)
Rate
Estimator
3
4:0
SAMPLE_RATE_
DETECT_B [4:0]
00h
Automatic Detection Sample Rate B
(Up to four different sample rates can be
configured for automatic detection.)
Register coding is same as
SAMPLE_RATE_n.
R341
(0155h)
Rate
Estimator
4
4:0
SAMPLE_RATE_
DETECT_C [4:0]
00h
Automatic Detection Sample Rate C
(Up to four different sample rates can be
configured for automatic detection.)
Register coding is same as
SAMPLE_RATE_n.
R342
(0156h)
Rate
Estimator
5
4:0
SAMPLE_RATE_
DETECT_D [4:0]
00h
Automatic Detection Sample Rate D
(Up to four different sample rates can be
configured for automatic detection.)
Register coding is same as
SAMPLE_RATE_n.
R3104
(0C20h)
Misc Pad
Ctrl 1
13
MCLK2_PD
0
MCLK2 Pull-Down Control
0 = Disabled
1 = Enabled
R3105
(0C21h)
Misc Pad
Ctrl 2
12
MCLK1_PD
0
MCLK1 Pull-Down Control
0 = Disabled
1 = Enabled
Table 100 Clocking Control
In AIF Slave modes, it is important to ensure the applicable clock domain (SYSCLK or ASYNCCLK) is
synchronised with the associated external LRCLK. This can be achieved by selecting an MCLK input
that is derived from the same reference as the LRCLK, or can be achieved by selecting the external
BCLK or LRCLK signal as a reference input to one of the FLLs, as a source for SYSCLK or
ASYNCCLK.
If the AIF clock domain is not synchronised with the LRCLK, then clicks arising from dropped or
repeated audio samples will occur, due to the inherent tolerances of multiple, asynchronous, system
clocks. See “Applications Information” for further details on valid clocking configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com