Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 232 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 232 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 228Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 229Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 230Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 231Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 232Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 233Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 234Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 235Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 236Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
232
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R258
(0102h)
Sample
rate 1
4:0
SAMPLE_RATE_
1 [4:0]
10001
Sample Rate 1 Select
00h = None
01h = 12kHz
02h = 24kHz
03h = 48kHz
04h = 96kHz
05h = 192kHz
09h = 11.025kHz
0Ah = 22.05kHz
0Bh = 44.1kHz
0Ch = 88.2kHz
0Dh = 176.4kHz
10h = 4kHz
11h = 8kHz
12h = 16kHz
13h = 32kHz
All other codes are Reserved
R259
(0103h)
Sample
rate 2
4:0
SAMPLE_RATE_
2 [4:0]
10001
Sample Rate 2 Select
Register coding is same as
SAMPLE_RATE_1.
R260
(0104h)
Sample
rate 3
4:0
SAMPLE_RATE_
3 [4:0]
10001
Sample Rate 3 Select
Register coding is same as
SAMPLE_RATE_1.
R266
(010Ah)
Sample
rate 1
status
4:0
SAMPLE_RATE_
1_STS [4:0]
00000
Sample Rate 1 Status
(Read only)
Register coding is same as
SAMPLE_RATE_1.
R267
(010Bh)
Sample
rate 2
status
4:0
SAMPLE_RATE_
2_STS [4:0]
00000
Sample Rate 2 Status
(Read only)
Register coding is same as
SAMPLE_RATE_1.
R268
(010Ch)
Sample
rate 3
status
4:0
SAMPLE_RATE_
3_STS [4:0]
00000
Sample Rate 3 Status
(Read only)
Register coding is same as
SAMPLE_RATE_1.
R274
(0112h)
Async
clock 1
10:8
ASYNC_CLK_FR
EQ [2:0]
011
ASYNCCLK Frequency
000 = 6.144MHz (5.6448MHz)
001 = 12.288MHz (11.2896MHz)
010 = 24.576MHz (22.5792MHz)
011 = 49.152MHz (45.1584MHz)
All other codes are Reserved
The frequencies in brackets apply for
44.1kHz-related sample rates only (ie.
ASYNC_SAMPLE_RATE_n = 01XXX).
6
ASYNC_CLK_EN
A
0
ASYNCCLK Control
0 = Disabled
1 = Enabled
ASYNCCLK should only be enabled after
the applicable clock source has been
configured and enabled.
Set this bit to 0 when reconfiguring the
clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com