Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 236 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 236 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 232Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 233Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 234Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 235Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 236Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 237Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 238Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 239Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 240Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
236
BCLK AND LRCLK CONTROL
The digital audio interfaces (AIF1, AIF2 and AIF3) use BCLK and LRCLK signals for synchronisation.
In master mode, these are output signals, generated by the WM5102. In slave mode, these are input
signals to the WM5102. It is also possible to support mixed master/slave operation.
The BCLK and LRCLK signals are controlled as illustrated in Figure 69. See the “Digital Audio
Interface Control” section for further details of the relevant control registers.
Note that the BCLK and LRCLK signals are synchronised to SYSCLK or ASYNCCLK, depending upon
the applicable clocking domain for the respective interface. See “Digital Core” for further details.
AIF1_BCLK_FREQ [4:0]
f/N
AIF1BCLK
AIF1LRCLK
AIF1RX_BCPF [12:0]
f/N
GPIO1
(AIF1TXLRCLK)
AIF1TX_BCPF [12:0]
SYSCLK
MASTER
MODE
CLOCK
OUTPUTS
f/N
AIF1_BCLK_MSTR
AIF1RX_LRCLK_MSTR
AIF1TX_LRCLK_MSTR
AIF2_BCLK_FREQ [4:0]
f/N
AIF2BCLK
AIF2LRCLK
AIF2RX_BCPF [12:0]
f/N
GPIO2
(AIF2TXLRCLK)
AIF2TX_BCPF [12:0]
MASTER
MODE
CLOCK
OUTPUTS
f/N
AIF2_BCLK_MSTR
AIF2RX_LRCLK_MSTR
AIF2TX_LRCLK_MSTR
AIF3_BCLK_FREQ [4:0]
f/N
AIF3BCLK
AIF3LRCLK
AIF3RX_BCPF [12:0]
f/N
GPIO3
(AIF3TXLRCLK)
AIF3TX_BCPF [12:0]
MASTER
MODE
CLOCK
OUTPUTS
f/N
AIF3_BCLK_MSTR
AIF3RX_LRCLK_MSTR
AIF3TX_LRCLK_MSTR
ASYNCCLK
The clock reference for each AIF is SYSCLK or ASYNCCLK
AIFn is clocked from SYSCLK if AIFn_RATE < 1000
AIFn is clocked from ASYNCCLK if AIFn_RATE >= 1000
(see note below)
(see note below)
(see note below)
Figure 69 BCLK and LRCLK Control
CONTROL INTERFACE CLOCKING
Register map access is possible with or without a system clock. Clocking is provided from SYSCLK;
the SYSCLK_SRC register selects the applicable SYSCLK source.
See “Control Interface” for further details of control register access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com