Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 238 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 238 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 234Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 235Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 236Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 237Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 238Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 239Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 240Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 241Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 242Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
238
Figure 70 FLL Configuration
The procedure for configuring the FLL is described below. Note that the configuration of the main FLL
path and the FLL Synchroniser path are very similar. One or both paths must be configured,
depending on the application requirements:
If a single clock input reference is used, then only the main FLL should be used.
If the input reference to the main FLL is intermittent, or may be interrupted unexpectedly,
then only the main FLL path should be used.
If two clock input references are used, then the constant or low-noise clock is configured on
the main FLL path, and the high-accuracy clock is configured on the FLL synchroniser path.
Note that the synchroniser input must be synchronous with the audio data.
The following description is applicable to FLL1 and FLL2. The associated register control fields are
described in Table 104 and Table 105 respectively.
The main input reference is selected using FLLn_REFCLK_SRC. The synchroniser input reference is
selected using FLLn_SYNCCLK_SRC. The available options in each case comprise MCLK1, MCLK2,
SLIMCLK, AIFnBCLK, AIFnRXLRCLK, or the output from another FLL.
The SLIMCLK reference is controlled by an adaptive divider on the external SLIMCLK input. The
divider automatically adapts to the SLIMbus Clock Gear, to provide a constant reference frequency for
the FLL. See “SLIMbus Interface Control” for details.
The FLLn_REFCLK_DIV field controls a programmable divider on the main input reference. The
FLLn_SYNCCLK_DIV field controls a programmable divider on the synchroniser input reference. Each
input can be divided by 1, 2, 4 or 8. These registers should be set to bring each reference down to
13.5MHz or below. For best performance, it is recommended that the highest possible frequency -
within the 13.5MHz limit - should be selected.
The FLL output frequency, relative to the main input reference FREF, is directly determined from
FLLn_FRATIO, FLLn_OUTDIV and the real number represented by N.K.
The integer value, N, is held in the FLLn_N register field. The fractional portion, K, is determined by
the ratio FLLn_THETA / FLLn_LAMBDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com