Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 248 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 248 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 244Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 245Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 246Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 247Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 248Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 249Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 250Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 251Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 252Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
248
SPREAD SPECTRUM FLL CONTROL
The WM5102 can apply modulation to the FLL outputs, using spread spectrum techniques. This can
be used to control the EMI characteristics of the circuits that are clocked via the FLLs.
Each of the FLLs can be individually configured for Triangle modulation, Zero Mean Frequency
Modulation (ZMFM) or Dither. The amplitude and frequency parameters of the spread spectrum
functions is also programmable, using the registers described in Table 107.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R393
(0189h)
FLL1
Spread
Spectrum
5:4
FLL1_SS_AMPL
[1:0]
00
FLL1 Spread Spectrum Amplitude
Controls the extent of the spread-
spectrum modulation.
00 = 0.7% (triangle), 0.7% (ZMFM, dither)
01 = 1.1% (triangle), 1.3% (ZMFM, dither)
10 = 2.3% (triangle), 2.6% (ZMFM, dither)
11 = 4.6% (triangle), 5.2% (ZMFM, dither)
3:2
FLL1_SS_FREQ
[1:0]
00
FLL1 Spread Spectrum Frequency
Controls the spread spectrum modulation
frequency in Triangle mode.
00 = 439kHz
01 = 878kHz
10 = 1.17MHz
11 = 1.76MHz
1:0
FLL1_SS_SEL
[1:0]
00
FLL1 Spread Spectrum Select
00 = Disabled
01 = Triangle
10 = Zero Mean Frequency (ZMFM)
11 = Dither
R425
(01A9h)
FLL2
Spread
Spectrum
5:4
FLL2_SS_AMPL
[1:0]
00
FLL2 Spread Spectrum Amplitude
Controls the extent of the spread-
spectrum modulation.
00 = 0.7% (triangle), 0.7% (ZMFM, dither)
01 = 1.1% (triangle), 1.3% (ZMFM, dither)
10 = 2.3% (triangle), 2.6% (ZMFM, dither)
11 = 4.6% (triangle), 5.2% (ZMFM, dither)
3:2
FLL2_SS_FREQ
[1:0]
00
FLL2 Spread Spectrum Frequency
Controls the spread spectrum modulation
frequency in Triangle mode.
00 = 439kHz
01 = 878kHz
10 = 1.17MHz
11 = 1.76MHz
1:0
FLL2_SS_SEL
[1:0]
00
FLL2 Spread Spectrum Select
00 = Disabled
01 = Triangle
10 = Zero Mean Frequency (ZMFM)
11 = Dither
Table 107 FLL Spread Spectrum Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com