Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 252 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 252 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 248Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 249Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 250Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 251Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 252Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 253Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 254Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 255Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 256Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
252
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
Ctrl IF
I2C1 CFG
1
1:0
I2C1_AUTO_IN
C [1:0]
01
CIF1 I2C Address auto-increment select
00 = Disabled
01 = Increment by 1 on each access
10 = Increment by 2 on each access
11 = Increment by 3 on each access
R3105
(0C21h)
Misc Pad
Ctrl 2
0
ADDR_PD
1
CIF1ADDR Pull-down enable
0 = Disabled
1 = Enabled
Table 109 Control Interface Configuration
2-WIRE (I2C) CONTROL MODE
The 2-wire (I2C) Control Interface mode is supported on CIF1 only, and uses the corresponding
SCLK, SDA pins. The ADDR pin is also used to select the I2C Device ID.
In 2-wire (I2C) mode, the WM5102 is a slave device on the control interface; SCLK is a clock input,
while SDA is a bi-directional data pin. To allow arbitration of multiple slaves (and/or multiple masters)
on the same interface, the WM5102 transmits logic 1 by tri-stating the SDA pin, rather than pulling it
high. An external pull-up resistor is required to pull the SDA line high so that the logic 1 can be
recognised by the master.
In order to allow many devices to share a single 2-wire control bus, every device on the bus has a
unique 8-bit device ID (this is not the same as the address of each register in the WM5102).
The CIF1 device ID is selectable using the CIF1ADDR pin, as described in Table 110. The LSB of the
Device ID is the Read/Write bit; this bit is set to logic 1 for “Read” and logic 0 for “Write”.
The CIF1ADDR logic level is referenced to the DBVDD1 power domain. An internal pull-down resistor
is enabled by default on the CIF1ADDR pin; this can be configured using the ADDR_PD register bit
described in Table 109.
CIF1ADDR
DEVICE ID (CIF1)
Logic 0
0011 010x = 34h (write) / 35h (read)
Logic 1
0011 011x = 36h (write) / 37h (read)
Table 110 Control Interface Device ID Selection
The WM5102 operates as a slave device only. The controller indicates the start of data transfer with a
high to low transition on SDA while SCLK remains high. This indicates that a device ID, and
subsequent address/data bytes will follow. The WM5102 responds to the start condition and shifts in
the next eight bits on SDA (8-bit device ID, including Read/Write bit, MSB first). If the device ID
received matches the device ID of the WM5102, then the WM5102 responds by pulling SDA low on
the next clock pulse (ACK). If the device ID is not recognised or the R/W bit is set incorrectly, the
WM5102 returns to the idle condition and waits for a new start condition and valid address.
If the device ID matches the device ID of the WM5102, the data transfer continues as described
below. The controller indicates the end of data transfer with a low to high transition on SDA while
SCLK remains high. After receiving a complete address and data sequence the WM5102 returns to
the idle state and waits for another start condition. If a start or stop condition is detected out of
sequence at any point during data transfer (i.e. SDA changes while SCLK is high), the device returns
to the idle condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com