Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 249 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 249 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 245Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 246Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 247Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 248Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 249Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 250Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 251Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 252Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 253Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
249
GPIO OUTPUTS FROM FLL
For each FLL, the WM5102 supports an ‘FLL Clock OK’ signal which, when asserted, indicates that
the FLL has started up and is providing an output clock. Each FLL also supports an ‘FLL Lock’ signal
which indicates whether FLL Lock has been achieved.
The FLL Clock OK status and FLL Lock status are inputs to the Interrupt control circuit and can be
used to trigger an Interrupt event - see “Interrupts”.
The FLL Clock OK and FLL Lock signals can be output directly on a GPIO pin as an external
indication of the FLL status. See “General Purpose Input / Output” to configure a GPIO pin for these
functions.
Clock output signals derived from the FLL can be output on a GPIO pin. See “General Purpose Input /
Output” to configure a GPIO pin for this function.
The FLL clocking configuration is illustrated in Figure 70.
EXAMPLE FLL CALCULATION
The following example illustrates how to derive the FLL1 registers to generate 49.152 MHz output
(FOUT) from a 12.000 MHz reference clock (FREF):
Set FLL1_REFCLK_DIV in order to generate FREF <=13.5MHz:
FLL1_REFCLK_DIV = 00 (divide by 1)
Set FLL1_OUTDIV for the required output frequency as shown in Table 101:-
FOUT = 49.152 MHz, therefore FLL1_OUTDIV = 2h (divide by 2)
Set FLL1_FRATIO for the given reference frequency as shown in Table 102:
FREF = 12MHz, therefore FLL1_FRATIO = 0h (divide by 1)
Calculate FVCO as given by FVCO = FOUT x FLL1_OUTDIV:-
FVCO = 49.152 x 2 = 98.304MHz
Calculate N.K as given by N.K = FVCO / (FLL1_FRATIO x FREF):
N.K = 98.304 / (1 x 12) = 8.192
Determine FLL1_N from the integer portion of N.K:-
FLL1_N = 8 (008h)
Determine GCD(FLL), as given by GCD(FLL) = GCD(FLL1_FRATIO x FREF, FVCO):
GCD(FLL) = GCD(1 x 12000000, 98304000) = 96000
Determine FLL1_THETA, as given by
FLL1_THETA = (FVCO - (FLL1_N x FLL1_FRATIO x FREF)) / GCD(FLL):
FLL1_THETA = (98304000 - (8 x 1 x 12000000)) / 96000
FLL1_THETA = 24 (0018h)
Determine FLL_LAMBDA, as given by
FLL1_LAMBDA = (FLL1_FRATIO x FREF) / GCD(FLL):
FLL1_LAMBDA = (1 x 12000000) / 96000
FLL1_LAMBDA = 125 (007Dh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com