Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 256 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 256 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 252Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 253Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 254Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 255Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 256Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 257Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 258Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 259Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 260Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
256
4-WIRE (SPI) CONTROL MODE
The 4-wire (SPI) Control Interface mode is supported on CIF2 only, and uses the corresponding SS
¯¯ ,
SCLK, MOSI and MISO pins.
The MISO output pin can be configured as CMOS or ‘Wired OR’, as described in Table 109. In CMOS
mode, MISO is driven low when not outputting register data bits. In ‘Wired OR’ mode, MISO is
undriven (high impedance) when not outputting register data bits.
In Write operations (R/W=0), all MOSI bits are driven by the controlling device.
In Read operations (R/W=1), the MOSI pin is ignored following receipt of the valid register address.
MISO is driven by the WM5102.
Continuous read and write modes enable multiple register operations to be scheduled faster than is
possible with single register operations. The auto-increment function supports selectable address
increments for each successive register access. This function is controlled using the SPI_AUTO_INC
register. Auto-increment (by 1) is enabled by default, as described in Table 109.
When auto-increment is enabled, the WM5102 will increment the register address at the end of the
sequences illustrated below, and every 16 clock cycles thereafter, for as long as SS
¯¯ is held low and
SCLK is toggled. Successive data words can be input/output every 16 clock cycles.
The 4-wire (SPI) protocol is illustrated in Figure 78 and Figure 79.
Figure 78 Control Interface 4-wire (SPI) Register Write
Figure 79 Control Interface 4-wire (SPI) Register Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com