Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 259 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 259 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 255Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 256Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 257Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 258Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 259Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 260Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 261Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 262Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 263Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
259
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R97
(0061h)
Sample
Rate
Sequence
Select 1
8:0
WSEQ_SAMPLE
_RATE_DETECT
_A_INDEX [8:0]
1FFh
Sample Rate A Write Sequence start
index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Sample Rate A detection.
Valid from 0 to 255 (0FFh).
R98
(0062h)
Sample
Rate
Sequence
Select 2
8:0
WSEQ_SAMPLE
_RATE_DETECT
_B_INDEX [8:0]
1FFh
Sample Rate B Write Sequence start
index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Sample Rate B detection.
Valid from 0 to 255 (0FFh).
R99
(0063h)
Sample
Rate
Sequence
Select 3
8:0
WSEQ_SAMPLE
_RATE_DETECT
_C_INDEX [8:0]
1FFh
Sample Rate C Write Sequence start
index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Sample Rate C detection.
Valid from 0 to 255 (0FFh).
R100
(0064h)
Sample
Rate
Sequence
Select 4
8:0
WSEQ_SAMPLE
_RATE_DETECT
_D_INDEX [8:0]
1FFh
Sample Rate D Write Sequence start
index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Sample Rate D detection.
Valid from 0 to 255 (0FFh).
Table 113 Write Sequencer Control - Automatic Sample Rate Detection
JACK DETECT, GPIO, MICDET CLAMP, AND WAKE-UP SEQUENCES
The WM5102 supports external accessory detection and GPIO functions. The JD1 signal (associated
with external accessory detection) and the GP5 signal (associated with the GPIO5 pin) can be used to
trigger the Control Write Sequencer.
The JD1 signal is configured using the register bits described in Table 74. The GP5 signal is derived
from the GPIO5 pin, which is configured using the register bits described in Table 85.
The MICDET Clamp is controlled by the JD1 and/or GP5 signals, as described in Table 75. The
MICDET Clamp status can also be used to trigger the Control Write Sequencer.
A Control Write Sequence can be associated with a rising edge and/or a falling edge of the JD1, GP5
or MICDET Clamp. This is configured using the register bits described in Table 84.
If one of the selected logic conditions is detected, then the Control Write Sequencer will be triggered.
The applicable start index location within the sequencer memory is separately configurable for each
logic condition.
The WSEQ_GP5_RISE_INDEX register defines the sequencer start index corresponding to a GP5
Rising Edge event. Equivalent start index values are defined for the other logic conditions, as
described in Table 114.
Note that a sequencer start index of 1FFh will cause the respective sequence to be aborted.
The JD1, GP5 and MICDET Clamp control sequences are undefined following initial power-up, but
can be user-programmed during normal operation. Note that all control sequences are retained in the
sequencer memory through Hardware Reset and Software Reset, provided DCVDD is held above its
reset threshold. The control sequence memory is always retained in Sleep mode. Excluding Sleep
mode, the control sequence memory is cleared if DCVDD falls below its reset threshold. See the
“Applications Information” section for a summary of the WM5102 memory reset conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com