Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 263 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 263 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 259Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 260Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 261Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 262Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 263Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 264Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 265Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 266Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 267Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
263
WSEQ_DATA_STARTn is a 4-bit field which identifies the LSB position within the selected control
register to which the data should be written. For example, setting WSEQ_DATA_STARTn = 0100 will
select bit 4 as the LSB position of the data to be written.
WSEQ_DATAn is an 8-bit field which contains the data to be written to the selected control register.
The WSEQ_DATA_WIDTHn field determines how many of these bits are written to the selected
control register; the most significant bits (above the number indicated by WSEQ_DATA_WIDTHn) are
ignored.
The register definitions for Step 0 are described in Table 117. The equivalent definitions also apply to
Step 1 through to Step 255, in the subsequent register address locations.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12288
(3000h)
WSEQ
Sequence 1
15:13
WSEQ_DATA_
WIDTH0 [2:0]
0h
Width of the data block written in this
sequence step.
000 = 1 bit
001 = 2 bits
010 = 3 bits
011 = 4 bits
100 = 5 bits
101 = 6 bits
110 = 7 bits
111 = 8 bits
12:0
WSEQ_ADDR0
[12:0]
225h
Control Register Address to be
written to in this sequence step.
R12289
(3001h)
WSEQ
Sequence 2
15:12
WSEQ_DELAY0
[3:0]
0h
Time delay after executing this step.
00h = 3.3us
01h to 0Eh = 61.44us x
((2^WSEQ_DELAY)-1)
0Fh = End of sequence marker
11:8
WSEQ_DATA_S
TART0 [3:0]
0h
Bit position of the LSB of the data
block written in this sequence step.
0000 = Bit 0
…
1111 = Bit 15
7:0
WSEQ_DATA0
[7:0]
01h
Data to be written in this sequence
step. When the data width is less
than 8 bits, then one or more of the
MSBs of WSEQ_DATAn are ignored.
It is recommended that unused bits
be set to 0.
Table 117 Write Sequencer Control - Programming a Sequence
SEQUENCER MEMORY DEFINITION
The Write Sequencer memory defines up to 256 write operations; these are indexed as 0 to 255 in the
sequencer memory map.
Following Power-On Reset (POR), the sequence memory will contain only the Headphone/Earpiece
Enable and Headphone/Earpiece Disable sequence definitions. The remainder of the sequence
memory will be undefined on power-up.
User-defined sequences can be programmed after power-up. Note that all control sequences are
retained in the sequencer memory through Hardware Reset and Software Reset, provided DCVDD is
held above its reset threshold. The control sequence memory is always retained in Sleep mode.
Excluding Sleep mode, the control sequence memory is cleared if DCVDD falls below its reset
threshold. See the “Applications Information” section for a summary of the WM5102 memory reset
conditions.
The default control sequences can be overwritten in the sequencer memory, if required. Note that the
headphone and earpiece output path enable registers (HPnx_ENA, EPn_ENA) will always trigger the
Write Sequencer (at the pre-determined start index addresses).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com