Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 266 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 266 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 262Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 263Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 264Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 265Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 266Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 267Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 268Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 269Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 270Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
266
outputs are powered from the MICVDD pin, and use the internal bandgap circuit as a reference.
In Regulator mode, the MICBIAS regulators are designed to operate without external decoupling
capacitors. The regulators can be configured to support a capacitive load if required, using the
MICBn_EXT_CAP register bits. (This may be appropriate for a digital microphone supply.) It is
important that the external capacitance is compatible with the applicable MICBn_EXT_CAP setting.
The compatible load conditions are detailed in the “Electrical Characteristics” section.
In Bypass mode, the output pin (MICBIAS1, MICBIAS2 or MICBIAS3) is connected directly to
MICVDD. This enables a low power operating state. Note that the MICBn_EXT_CAP register settings
are not applicable in Bypass mode; there are no restrictions on the external MICBIAS capacitance in
Bypass mode.
The MICBIAS generators incorporate a pop-free control circuit to ensure smooth transitions when the
MICBIAS outputs are enabled or disabled in Bypass mode; this feature is enabled using the
MICBn_RATE registers.
The MICBIAS generators are illustrated in Figure 81. The MICBIAS control register bits are described
in Table 120.
The maximum output current for each MICBIASn pin is noted in the “Electrical Characteristics”. This
limit must be observed on each MICBIAS output, especially if more than one microphone is connected
to a single MICBIAS pin. Note that the maximum output current differs between Regulator mode and
Bypass mode.
VOLTAGE REFERENCE CIRCUIT
The WM5102 incorporates a voltage reference circuit, powered by AVDD. This circuit ensures the
accuracy of the LDO Regulator and MICBIAS voltage settings.
LDO1 REGULATOR AND DCVDD SUPPLY
The LDO1 voltage regulator is intended for generating the DCVDD domain, which powers the digital
core functions on the WM5102. In this configuration, the LDO output (LDOVOUT) should be
connected to the DCVDD pin. Note that the use of the LDO1 regulator to power external circuits
cannot be supported by the WM5102.
LDO1 is powered by LDOVDD and can be controlled using hardware or software controls. Note that,
depending on the application requirements, it may be necessary to use both the hardware and
software enables for LDO1, as described below.
Under hardware control, LDO1 is enabled when a logic ‘1’ is applied to the LDOENA pin. The logic
level is determined with respect to the DBVDD1 voltage domain. LDO1 is also enabled when the
LDO1_ENA software control register is set to 1. Note that, to disable LDO1, the hardware and
software controls must both be de-asserted.
When LDO1 is enabled, an internal bypass path may be selected, connecting the LDOVOUT pin
directly to the LDOVDD supply. This path is controlled using the LDO1_BYPASS register. Note that
the bypass path is only supported when LDO1 is enabled.
When LDO1 is disabled, the LDOVOUT pin can be configured to be floating or to be actively
discharged. This is selected using the LDO1_DISCH register bit.
When LDO1 is enabled, the LDOVOUT voltage can be controlled using the LDO1_VSEL register.
Setting LDO1_HI_PWR=1 will override the LDO1_VSEL register and select 1.8V LDO output voltage.
Note that, under default conditions, LDO1_HI_PWR is set to ‘1’.
It is possible to supply DCVDD from an external supply. In this configuration, the LDOVOUT pin
should be left floating; the LDOVOUT pin must not be connected to the DCVDD pin in this case.
For recommended use of the Sleep / Wake-Up functions (see “Low Power Sleep Configuration”), it is
assumed that DCVDD is powered from the output of LDO1. In this case, Sleep mode is selected when
LDO1 is disabled, causing the DCVDD supply to be removed. Note that the AVDD, DBVDD1, and
LDOVDD supplies must be present throughout the Sleep mode duration.
If DCVDD is powered externally (not from LDO1), then the ISOLATE_DCVDD1 register bit must be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com