Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 265 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 265 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 261Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 262Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 263Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 264Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 265Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 266Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 267Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 268Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 269Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
265
CHARGE PUMPS, REGULATORS AND VOLTAGE REFERENCE
The WM5102 incorporates two Charge Pump circuits and two LDO Regulator circuits to generate
supply rails for internal functions and to support external microphone requirements. The WM5102 also
provides three MICBIAS generators which provide low noise reference voltages suitable for biasing
electret condenser (ECM) type microphones or powering digital microphones.
Refer to the “Applications Information” section for recommended external components.
CHARGE PUMPS AND LDO2 REGULATOR
Charge Pump 1 (CP1) is used to generate the positive and negative supply rails for the analogue
output drivers. CP1 is enabled automatically by the WM5102 when required by the output drivers.
Charge Pump 2 (CP2) powers LDO2, which provides the supply rail for analogue input circuits and for
the MICBIAS generators. CP2 and LDO2 are enabled using the CP2_ENA register bit.
The 32kHz clock must be configured and enabled when using CP2. See “Clocking and Sample Rates”
for details of the system clocks.
When CP2 and LDO2 are enabled, the MICVDD voltage can be selected using the LDO2_VSEL
control field. Note that, when one or more of the MICBIAS generators is operating in normal
(regulator) mode, then the MICVDD voltage must be at least 200mV greater than the highest selected
MICBIASn output voltage(s).
When CP2 and LDO2 are enabled, an internal bypass path may be selected, connecting the MICVDD
pin directly to the CPVDD supply. This path is controlled using the CP2_BYPASS register. Note that
the bypass path is only supported when CP2 is enabled.
When CP2 is disabled, the CP2VOUT pin can be configured to be floating or to be actively
discharged. This is selected using the CP2_DISCH register bit.
When LDO2 is disabled, the MICVDD pin can be configured to be floating or to be actively
discharged. This is selected using the LDO2_DISCH register bit.
The MICVDD pin is connected to the output of LDO2. Note that the MICVDD does not support direct
connection to an external supply; MICVDD is always powered internally to the WM5102.
The Charge Pumps and LDO2 Regulator circuits are illustrated in Figure 81. The associated register
control bits are described in Table 120.
Note that decoupling capacitors and flyback capacitors are required for these circuits. Refer to the
“Applications Information” section for recommended external components.
MICBIAS BIAS (MICBIAS) CONTROL
There are three MICBIAS generators which provide low noise reference voltages suitable for biasing
electret condenser (ECM) type microphones or powering digital microphones. Refer to the
“Applications Information” section for recommended external components.
The MICBIAS generators are powered from MICVDD, which is generated by an internal Charge Pump
and LDO, as illustrated in Figure 81.
The MICBIAS outputs can be independently enabled using the MICBn_ENA register bits (where n = 1,
2 or 3 for MICBIAS1, 2 or 3 respectively).
When a MICBIAS output is disabled, the output pin can be configured to be floating or to be actively
discharged. This is selected using the MICBn_DISCH register bits.
The MICBIAS generators can each operate as a voltage regulator or in bypass mode. The applicable
mode is selected using the MICBn_BYPASS registers.
In Regulator mode, the output voltage is selected using the MICBn_LVL register bits. In this mode,
MICVDD must be at least 200mV greater than the required MICBIAS output voltages. The MICBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com