Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 269 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 269 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 265Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 266Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 267Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 268Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 269Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 270Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 271Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 272Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 273Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
269
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R528
(0210h)
LDO1
Control 1
10:5
LDO1_VSEL [5:0]
06h
LDO1 Output Voltage Select
Controls the LDO1 output voltage when
LDO1_HI_PWR=0.
00h = 0.9V
01h = 0.95V
02h = 1.0V
03h = 1.05V
04h = 1.1V
05h = 1.15V
06h = 1.2V
07h to 3Fh = Reserved
2
LDO1_DISCH
1
LDO1 Discharge
0 = LDOVOUT floating when disabled
1 = LDOVOUT discharged when disabled
1
LDO1_BYPASS
0
LDO1 Bypass Mode
0 = Normal
1 = Bypass mode
In Bypass mode, LDOVDD is connected
directly to LDOVOUT.
Note that LDO1_ENA must also be set.
0
LDO1_ENA
0
LDO1 Control
0 = Disabled
1 = Enabled
R530
(0212h)
LDO1
Control 2
0
LDO1_HI_PWR
1
LDO1 Output Voltage Control
0 = Set by LDO1_VSEL
1 = 1.8V
R531
(0213h)
LDO2
Control 1
10:5
LDO2_VSEL [5:0]
1Ah
LDO2 Output Voltage Select
00h = 1.7V
01h = 1.75V
02h = 1.8V
03h = 1.85V
… (50mV steps)
1Dh = 3.15V
1Eh = 3.2V
1Fh = 3.3V
20h to 3Fh = Reserved
(See Table 121 for voltage range)
2
LDO2_DISCH
1
LDO2 Discharge
0 = MICVDD floating when disabled
1 = MICVDD discharged when disabled
R536
(218h)
Mic Bias
Ctrl 1
15
MICB1_EXT_CA
P
0
Microphone Bias 1 External Capacitor
(when MICB1_BYPASS = 0).
Configures the MICBIAS1 regulator
according to the specified capacitance
connected to the MICBIAS1 output.
0 = No external capacitor
1 = External capacitor connected
8:5
MICB1_LVL [3:0]
Dh
Microphone Bias 1 Voltage Control
(when MICB1_BYPASS = 0)
0h = 1.5V
1h = 1.6V
… (0.1V steps)
Ch = 2.7V
Dh to Fh = 2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com