Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 271 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 271 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 267Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 268Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 269Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 270Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 271Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 272Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 273Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 274Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 275Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
271
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
MICB3_DISCH
1
Microphone Bias 3 Discharge
0 = MICBIAS3 floating when disabled
1 = MICBIAS3 discharged when disabled
1
MICB3_BYPASS
1
Microphone Bias 3 Mode
0 = Regulator mode
1 = Bypass mode
0
MICB3_ENA
0
Microphone Bias 3 Enable
0 = Disabled
1 = Enabled
R3104
(0C20h)
Misc Pad
Ctrl 1
15
LDO1ENA_PD
1
LDOENA Pull-Down Control
0 = Disabled
1 = Enabled
R715
(02CBh)
Isolation
control
0
ISOLATE_DCVD
D1
0
Always-On power domain isolate control
Set this bit to 1 to isolate the ‘Always-On’
domain from the DCVDD pin.
If DCVDD is powered externally (not from
LDO1), this bit must be set before
selecting Sleep mode (ie. before removing
the external DCVDD supply).
If DCVDD is powered from LDO1, then
there is no requirement to set this bit.
This bit is automatically reset to 0
following a Wake-up transition (from Sleep
mode).
Table 120 Charge Pump and LDO Control Registers
LDO2_VSEL [5:0]
LDO2 OUTPUT
LDO2_VSEL [5:0]
LDO2 OUTPUT
00h
1.70V
10h
2.50V
01h
1.75V
11h
2.55V
02h
1.80V
12h
2.60V
03h
1.85V
13h
2.65V
04h
1.90V
14h
2.70V
05h
1.95V
15h
2.75V
06h
2.00V
16h
2.80V
07h
2.05V
17h
2.85V
08h
2.10V
18h
2.90V
09h
2.15V
19h
2.95V
0Ah
2.20V
1Ah
3.00V
0Bh
2.25V
1Bh
3.05V
0Ch
2.30V
1Ch
3.10V
0Dh
2.35V
1Dh
3.15V
0Eh
2.40V
1Eh
3.20V
0Fh
2.45V
1Fh
3.30V
Table 121 LDO2 Voltage Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com