Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 273 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 273 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 269Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 270Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 271Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 272Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 273Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 274Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 275Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 276Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 277Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
273
POWER-ON RESET (POR) AND HARDWARE RESET
The WM5102 will remain in the reset state until AVDD, DBVDD1 and DCVDD are all above their
respective reset thresholds. Note that specified device performance is not assured outside the voltage
ranges defined in the “Recommended Operating Conditions” section.
The RESET
¯¯¯¯¯¯ input must be asserted (logic 0) during power-up, and held asserted until after the AVDD,
DBVDD1 and DCVDD supplies are within the recommended operating limits. If DCVDD is powered
from internal LDO, then the DCVDD supply must be enabled using the LDOENA pin, and the RESET
¯¯¯¯¯¯
pin held asserted until at least 1.5ms after the LDO has been enabled.
Refer to “Recommended Operating Conditions” for the WM5102 power-up sequencing requirements.
If DCVDD is powered from LDO1, then the DCVDD supply must be enabled using the LDOENA pin
for the initial power-up. Note that subsequent interruption to DCVDD should only be permitted as part
of a control sequence for entering Sleep mode.
After the initial power-up, the Power-On Reset will be re-scheduled following an interruption to the
DBVDD1 or AVDD supplies. Note that the AVDD supply must always be maintained whenever the
DCVDD supply is present.
The WM5102 provides a Hardware Reset function, which is executed whenever the RESET
¯¯¯¯¯¯ input is
asserted (logic 0). The RESET
¯¯¯¯¯¯ input is active low and is referenced to the DBVDD1 power domain.
A Hardware Reset causes most of the WM5102 control registers to be reset to their default states.
Note that the Control Write Sequencer memory and DSP firmware memory contents are retained
during Hardware Reset - provided DCVDD is held above its reset threshold.
See the “Applications Information” section for a summary of the WM5102 memory reset conditions.
If DCVDD is powered from LDO1, it is recommended that the LDOENA pin is asserted (logic 1) before
the Hardware Reset; this ensures the Write Sequencer and DSP memory contents are retained, and
also allows faster reset time. If LDOENA is not asserted prior to the reset, then LDO1 will be disabled,
and the power-up requirements described above must be followed.
If the WM5102 SLIMbus component is in its operational state, then it must be reset prior to scheduling
a Hardware Reset or Power-On Reset. See “SLIMbus Interface Control” for details of the SLIMbus
reset control messages.
An internal pull-up resistor is enabled by default on the RESET
¯¯¯¯¯¯ pin; this can be configured using the
RESET_PU register bit described in Table 122.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3104
(0C20h)
Misc Pad
Ctrl 1
1
RESET_PU
1
RESET Pull-up enable
0 = Disabled
1 = Enabled
Table 122 Reset Pull-Up Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com