Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 274 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 274 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 270Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 271Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 272Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 273Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 274Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 275Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 276Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 277Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 278Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
274
Following Power-On Reset (POR), Hardware Reset or Software Reset, a Boot Sequence is executed.
The BOOT_DONE_STS register is asserted on completion of the Boot Sequence, as described in
Table 123. Control register writes should not be attempted until the BOOT_DONE_STS register has
been asserted.
The BOOT_DONE_STS signal is an input to the Interrupt control circuit and can be used to trigger an
Interrupt event - see “Interrupts”. Under default register conditions, (including following POR,
Hardware Reset or Software Reset), a falling edge on the IRQ
¯¯¯ pin will indicate completion of the Boot
Sequence.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3363
(0D23h)
Interrupt
Raw
Status 5
8
BOOT_DONE_S
TS
0
Boot Status
0 = Busy (boot sequence in progress)
1 = Idle (boot sequence completed)
Control register writes should not be
attempted until Boot Sequence has
completed.
Table 123 Device Boot-Up Status
Following Power-On Reset (POR), Hardware Reset, Software Reset, or Wake-Up (from Sleep mode),
a sequence of device initialisation writes must be executed, as detailed in Table 124.
The host system should ensure that the WM5102 is ready before attempting these (or any other)
Control Register writes.
In the case of Power-On Reset (POR), Hardware Reset or Software Reset, the initialisation settings
should be written after the BOOT_DONE_STS bit has been asserted (also indicated by a falling edge
of the IRQ
¯¯¯ pin).
In the case of Wake-Up (from Sleep mode), then at least 1.5ms must be allowed from the Wake-Up
event before writing to any Control Registers. Note that, in a typical implementation, the Interrupt
circuit is configured to provide indication of the Wake-Up event.
WM5102 INITIALISATION
1
Write 0x0001 to Register R25 (0x0019)
2
Write 0xE022 to Register R129 (0x0081)
3
Write 0x0000 to Register R724 (0x02D4)
4
Write 0x000C to Register R862 (0x035E)
5
Write 0xDC1A to Register R1091 (0x0443)
6
Write 0x0066 to Register R1200 (0x04B0
7
Write 0x0001 to Register R1307 (0x051B)
8
Write 0x0001 to Register R1371 (0x055B)
9
Write 0x0001 to Register R1435 (0x059B)
Table 124 Device Initialisation Register Settings
The WM5102 is in Sleep mode when AVDD and DBVDD1 are present, and DCVDD is below its reset
threshold. (Note that specific control requirements are also applicable for entering Sleep mode, as
described in “Low Power Sleep Configuration”.)
In Sleep mode, most of the Digital Core (and control registers) are held in reset; selected functions
and control registers are maintained via an ‘Always-On’ internal supply domain. See “Low Power
Sleep Configuration” for details of the ‘Always-On’ functions.
See “Software Reset, Wake-Up, and Device ID” for details of the Wake-Up transition (exit from Sleep
mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com