Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 278 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 278 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 274Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 275Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 276Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 277Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 278Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 279Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 280Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 281Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 282Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
278
The status of the WM5102 digital I/O pins following Hardware Reset, Software Reset or Wake-Up is
described in the “Power-On Reset (POR) and Hardware Reset” section.
The Device ID can be read back from Register R0. The Revision can be read back from Register R1.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (0000h)
Software
Reset
15:0
SW_RST_DEV_
ID [15:0]
5102h
Writing to this register resets all registers
to their default state.
Reading from this register will indicate
Device ID 5102h.
R1 (0001h)
Device
Revision
7:0
DEVICE_REVIS
ION [7:0]
Device revision
Table 127 Device Reset and ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com