Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 282 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 282 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 278Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 279Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 280Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 281Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 282Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 283Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 284Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 285Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 286Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
282
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R401 (191h) FLL2 Control 1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
FLL2_
FREE
RUN
FLL2_
ENA
0000h
R402 (192h) FLL2 Control 2
FLL2_
CTRL_
UPD
0
0
0
0
0
FLL2_N [9:0]
0008h
R403 (193h) FLL2 Control 3
FLL2_THETA [15:0]
0018h
R404 (194h) FLL2 Control 4
FLL2_LAMBDA [15:0]
007Dh
R405 (195h) FLL2 Control 5
0
0
0
0
0
FLL2_FRATIO [2:0]
0
0
0
0
FLL2_OUTDIV [2:0]
0
0004h
R406 (196h) FLL2 Control 6
0
0
0
0
0
0
0
0
FLL2_REFCLK
_DIV [1:0]
0
0
FLL2_REFCLK_SRC [3:0]
0000h
R409 (199h) FLL2 Control 7
0
0
0
0
0
0
0
0
0
0
FLL2_GAIN [3:0]
0
0
0000h
R417 (1A1h) FLL2 Synchroniser
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
FLL2_
SYNC
_ENA
0000h
R418 (1A2h) FLL2 Synchroniser
2
0
0
0
0
0
0
FLL2_SYNC_N [9:0]
0000h
R419 (1A3h) FLL2 Synchroniser
3
FLL2_SYNC_THETA [15:0]
0000h
R420 (1A4h) FLL2 Synchroniser
4
FLL2_SYNC_LAMBDA [15:0]
0000h
R421 (1A5h) FLL2 Synchroniser
5
0
0
0
0
0
FLL2_SYNC_FRATIO
[2:0]
0
0
0
0
0
0
0
0
0000h
R422 (1A6h) FLL2 Synchroniser
6
0
0
0
0
0
0
0
0
FLL2_SYNCCL
K_DIV [1:0]
0
0
FLL2_SYNCCLK_SRC [3:0]
0000h
R423 (1A7h) FLL2 Synchroniser
7
0
0
0
0
0
0
0
0
0
0
FLL2_SYNC_GAIN [3:0]
0
FLL2_
SYNC
_DFSA
T
0001h
R425 (1A9h) FLL2 Spread
Spectrum
0
0
0
0
0
0
0
0
0
0
FLL2_SS_AMP
L [1:0]
FLL2_SS_FRE
Q [1:0]
FLL2_SS_SEL
[1:0]
0000h
R426 (1AAh) FLL2 GPIO Clock
0
0
0
0
0
0
0
0
FLL2_GPCLK_DIV [6:0]
FLL2_
GPCL
K_EN
A
0004h
R512 (200h) Mic Charge Pump
1
0
0
0
0
0
0
0
0
0
0
0
0
0
CP2_D
ISCH
CP2_B
YPAS
S
CP2_E
NA
0006h
R528 (210h) LDO1 Control 1
0
0
0
0
0
LDO1_VSEL [5:0]
0
0
LDO1_
DISCH
LDO1_
BYPA
SS
LDO1_
ENA
00D4h
R530 (212h) LDO1 Control 2
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
LDO1_
HI_PW
R
0001h
R531 (213h) LDO2 Control 1
0
0
0
0
0
LDO2_VSEL [5:0]
0
0
LDO2_
DISCH
0
0
0344h
R536 (218h) Mic Bias Ctrl 1
MICB1
_EXT_
CAP
0
0
0
0
0
0
MICB1_LVL [3:0]
0
MICB1
_RATE
MICB1
_DISC
H
MICB1
_BYPA
SS
MICB1
_ENA
01A6h
R537 (219h) Mic Bias Ctrl 2
MICB2
_EXT_
CAP
0
0
0
0
0
0
MICB2_LVL [3:0]
0
MICB2
_RATE
MICB2
_DISC
H
MICB2
_BYPA
SS
MICB2
_ENA
01A6h
R538 (21Ah) Mic Bias Ctrl 3
MICB3
_EXT_
CAP
0
0
0
0
0
0
MICB3_LVL [3:0]
0
MICB3
_RATE
MICB3
_DISC
H
MICB3
_BYPA
SS
MICB3
_ENA
01A6h
R549 (0225h) HP Ctrl 1L
0
RMV_
SHRT
_HP1L
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0400h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com