Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 281 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 281 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 277Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 278Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 279Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 280Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 281Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 282Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 283Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 284Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 285Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
281
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R284 (11Bh) Async sample rate
2 status
0
0
0
0
0
0
0
0
0
0
0
ASYNC_SAMPLE_RATE_2_STS [4:0]
0000h
R329 (149h) Output system
clock
OPCL
K_EN
A
0
0
0
0
0
0
0
OPCLK_DIV [4:0]
OPCLK_SEL [2:0]
0000h
R330 (14Ah) Output async clock OPCL
K_ASY
NC_E
NA
0
0
0
0
0
0
0
OPCLK_ASYNC_DIV [4:0]
OPCLK_ASYNC_SEL
[2:0]
0000h
R338 (152h) Rate Estimator 1
0
0
0
0
0
0
0
0
0
0
0
TRIG_
ON_S
TART
UP
LRCLK_SRC [2:0]
RATE_
EST_E
NA
0000h
R339 (153h) Rate Estimator 2
0
0
0
0
0
0
0
0
0
0
0
SAMPLE_RATE_DETECT_A [4:0]
0000h
R340 (154h) Rate Estimator 3
0
0
0
0
0
0
0
0
0
0
0
SAMPLE_RATE_DETECT_B [4:0]
0000h
R341 (155h) Rate Estimator 4
0
0
0
0
0
0
0
0
0
0
0
SAMPLE_RATE_DETECT_C [4:0]
0000h
R342 (156h) Rate Estimator 5
0
0
0
0
0
0
0
0
0
0
0
SAMPLE_RATE_DETECT_D [4:0]
0000h
R353 (161h) Dynamic
Frequency Scaling
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SUBS
YS_M
AX_FR
EQ
0000h
R369 (171h) FLL1 Control 1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
FLL1_
FREE
RUN
FLL1_
ENA
0002h
R370 (172h) FLL1 Control 2
FLL1_
CTRL_
UPD
0
0
0
0
0
FLL1_N [9:0]
0008h
R371 (173h) FLL1 Control 3
FLL1_THETA [15:0]
0018h
R372 (174h) FLL1 Control 4
FLL1_LAMBDA [15:0]
007Dh
R373 (175h) FLL1 Control 5
0
0
0
0
0
FLL1_FRATIO [2:0]
0
0
0
0
FLL1_OUTDIV [2:0]
0
0004h
R374 (176h) FLL1 Control 6
0
0
0
0
0
0
0
0
FLL1_REFCLK
_DIV [1:0]
0
0
FLL1_REFCLK_SRC [3:0]
0000h
R377 (179h) FLL1 Control 7
0
0
0
0
0
0
0
0
0
0
FLL1_GAIN [3:0]
0
0
0000h
R385 (181h) FLL1 Synchroniser
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
FLL1_
SYNC
_ENA
0000h
R386 (182h) FLL1 Synchroniser
2
0
0
0
0
0
0
FLL1_SYNC_N [9:0]
0000h
R387 (183h) FLL1 Synchroniser
3
FLL1_SYNC_THETA [15:0]
0000h
R388 (184h) FLL1 Synchroniser
4
FLL1_SYNC_LAMBDA [15:0]
0000h
R389 (185h) FLL1 Synchroniser
5
0
0
0
0
0
FLL1_SYNC_FRATIO
[2:0]
0
0
0
0
0
0
0
0
0000h
R390 (186h) FLL1 Synchroniser
6
0
0
0
0
0
0
0
0
FLL1_SYNCCL
K_DIV [1:0]
0
0
FLL1_SYNCCLK_SRC [3:0]
0000h
R391 (187h) FLL1 Synchroniser
7
0
0
0
0
0
0
0
0
0
0
FLL1_SYNC_GAIN [3:0]
0
FLL1_
SYNC
_DFSA
T
0001h
R393 (189h) FLL1 Spread
Spectrum
0
0
0
0
0
0
0
0
0
0
FLL1_SS_AMP
L [1:0]
FLL1_SS_FRE
Q [1:0]
FLL1_SS_SEL
[1:0]
0000h
R394 (18Ah) FLL1 GPIO Clock
0
0
0
0
0
0
0
0
FLL1_GPCLK_DIV [6:0]
FLL1_
GPCL
K_EN
A
0004h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com