Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 284 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 284 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 280Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 281Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 282Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 283Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 284Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 285Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 286Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 287Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 288Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
284
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R800 (320h) IN3L Control
0
IN3_OSR [1:0] IN3_DMIC_SU
P [1:0]
IN3_MODE
[1:0]
0
IN3L_PGA_VOL [6:0]
0
2080h
R801 (321h) ADC Digital
Volume 3L
0
0
0
0
0
0
IN_VU IN3L_
MUTE
IN3L_VOL [7:0]
0180h
R802 (322h) DMIC3L Control
0
0
0
0
0
0
0
0
0
0
IN3_DMICL_DLY [5:0]
0000h
R804 (324h) IN3R Control
0
0
0
0
0
0
0
0
IN3R_PGA_VOL [6:0]
0
0080h
R805 (325h) ADC Digital
Volume 3R
0
0
0
0
0
0
IN_VU IN3R_
MUTE
IN3R_VOL [7:0]
0180h
R806 (326h) DMIC3R Control
0
0
0
0
0
0
0
0
0
0
IN3_DMICR_DLY [5:0]
0000h
R1024 (400h) Output Enables 1
0
0
0
0
0
0
OUT5L
_ENA
OUT5
R_EN
A
OUT4L
_ENA
OUT4
R_EN
A
EP_E
NA
0
HP2L_
ENA
HP2R_
ENA
HP1L_
ENA
HP1R_
ENA
0000h
R1025 (401h) Output Status 1
0
0
0
0
0
0
OUT5L
_ENA_
STS
OUT5
R_EN
A_STS
OUT4L
_ENA_
STS
OUT4
R_EN
A_STS
0
0
0
0
0
0
0000h
R1030 (406h) Raw Output Status
1
0
0
0
0
0
0
0
0
0
0
OUT3_
ENA_
STS
0
OUT2L
_ENA_
STS
OUT2
R_EN
A_STS
OUT1L
_ENA_
STS
OUT1
R_EN
A_STS
0000h
R1032 (408h) Output Rate 1
0
OUT_RATE [3:0]
0
0
0
0
0
0
0
0
0
0
0
0000h
R1033 (409h) Output Volume
Ramp
0
0
0
0
0
0
0
0
0
OUT_VD_RAMP [2:0]
0
OUT_VI_RAMP [2:0]
0022h
R1040 (410h) Output Path Config
1L
DAC1_FREQ_
RANGE_LIM
[1:0]
OUT1_
OSR
OUT1_
MONO
0
0
0
0
1
0
0
0
0
0
0
0
0080h
R1041 (411h) DAC Digital
Volume 1L
0
0
0
0
0
0
OUT_
VU
OUT1L
_MUT
E
OUT1L_VOL [7:0]
0180h
R1042 (412h) DAC Volume Limit
1L
0
0
0
0
0
0
0
0
OUT1L_VOL_LIM [7:0]
0081h
R1043 (413h) Noise Gate Select
1L
0
0
0
0
OUT1L_NGATE_SRC [11:0]
0001h
R1044 (414h) Output Path Config
1R
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0080h
R1045 (415h) DAC Digital
Volume 1R
0
0
0
0
0
0
OUT_
VU
OUT1
R_MU
TE
OUT1R_VOL [7:0]
0180h
R1046 (416h) DAC Volume Limit
1R
0
0
0
0
0
0
0
0
OUT1R_VOL_LIM [7:0]
0081h
R1047 (417h) Noise Gate Select
1R
0
0
0
0
OUT1R_NGATE_SRC [11:0]
0002h
R1048 (418h) Output Path Config
2L
DAC2_FREQ_
RANGE_LIM
[1:0]
OUT2_
OSR
OUT2_
MONO
0
0
0
0
1
0
0
0
0
0
0
0
0080h
R1049 (419h) DAC Digital
Volume 2L
0
0
0
0
0
0
OUT_
VU
OUT2L
_MUT
E
OUT2L_VOL [7:0]
0180h
R1050 (41Ah) DAC Volume Limit
2L
0
0
0
0
0
0
0
0
OUT2L_VOL_LIM [7:0]
0081h
R1051 (41Bh) Noise Gate Select
2L
0
0
0
0
OUT2L_NGATE_SRC [11:0]
0004h
R1052 (41Ch) Output Path Config
2R
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0080h
R1053 (41Dh) DAC Digital
Volume 2R
0
0
0
0
0
0
OUT_
VU
OUT2
R_MU
TE
OUT2R_VOL [7:0]
0180h
R1054 (41Eh) DAC Volume Limit
2R
0
0
0
0
0
0
0
0
OUT2R_VOL_LIM [7:0]
0081h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com