Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 285 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 285 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 281Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 282Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 283Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 284Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 285Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 286Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 287Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 288Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 289Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
285
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1055 (41Fh) Noise Gate Select
2R
0
0
0
0
OUT2R_NGATE_SRC [11:0]
0008h
R1056 (420h) Output Path Config
3L
DAC3_FREQ_
RANGE_LIM
[1:0]
OUT3_
OSR
OUT3_
MONO
0
0
0
0
1
0
0
0
0
0
0
0
0080h
R1057 (421h) DAC Digital
Volume 3L
0
0
0
0
0
0
OUT_
VU
OUT3_
MUTE
OUT3_VOL [7:0]
0180h
R1058 (422h) DAC Volume Limit
3L
0
0
0
0
0
0
0
0
OUT3_VOL_LIM [7:0]
0081h
R1059 (423h) Noise Gate Select
3L
0
0
0
0
OUT3_NGATE_SRC [11:0]
0010h
R1064 (428h) Output Path Config
4L
0
0
OUT4_
OSR
0
0
0
0
0
0
0
0
0
0
0
0
0
0000h
R1065 (429h) DAC Digital
Volume 4L
0
0
0
0
0
0
OUT_
VU
OUT4L
_MUT
E
OUT4L_VOL [7:0]
0180h
R1066 (42Ah) Out Volume 4L
0
0
0
0
0
0
0
0
OUT4L_VOL_LIM [7:0]
0081h
R1067 (42Bh) Noise Gate Select
4L
0
0
0
0
OUT4L_NGATE_SRC [11:0]
0040h
R1069 (42Dh) DAC Digital
Volume 4R
0
0
0
0
0
0
OUT_
VU
OUT4
R_MU
TE
OUT4R_VOL [7:0]
0180h
R1070 (42Eh) Out Volume 4R
0
0
0
0
0
0
0
0
OUT4R_VOL_LIM [7:0]
0081h
R1071 (42Fh) Noise Gate Select
4R
0
0
0
0
OUT4R_NGATE_SRC [11:0]
0080h
R1072 (430h) Output Path Config
5L
0
0
OUT5_
OSR
0
0
0
0
0
0
0
0
0
0
0
0
0
0000h
R1073 (431h) DAC Digital
Volume 5L
0
0
0
0
0
0
OUT_
VU
OUT5L
_MUT
E
OUT5L_VOL [7:0]
0180h
R1074 (432h) DAC Volume Limit
5L
0
0
0
0
0
0
0
0
OUT5L_VOL_LIM [7:0]
0081h
R1075 (433h) Noise Gate Select
5L
0
0
0
0
OUT5L_NGATE_SRC [11:0]
0100h
R1077 (435h) DAC Digital
Volume 5R
0
0
0
0
0
0
OUT_
VU
OUT5
R_MU
TE
OUT5R_VOL [7:0]
0180h
R1078 (436h) DAC Volume Limit
5R
0
0
0
0
0
0
0
0
OUT5R_VOL_LIM [7:0]
0081h
R1079 (437h) Noise Gate Select
5R
0
0
0
0
OUT5R_NGATE_SRC [11:0]
0200h
R1104 (450h) DAC AEC Control
1
0
0
0
0
0
0
0
0
0
0
AEC_LOOPBACK_SRC [3:0]
AEC_
ENA_
STS
AEC_L
OOPB
ACK_
ENA
0000h
R1112 (458h) Noise Gate Control
0
0
0
0
0
0
0
0
0
0
NGATE_HOLD
[1:0]
NGATE_THR [2:0]
NGAT
E_EN
A
0001h
R1168 (490h) PDM SPK1 CTRL
1
0
0
SPK1
R_MU
TE
SPK1L
_MUT
E
0
0
0
SPK1_
MUTE
_ENDI
AN
SPK1_MUTE_SEQ [7:0]
0069h
R1169 (491h) PDM SPK1 CTRL
2
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SPK1_
FMT
0000h
R1280 (500h) AIF1 BCLK Ctrl
0
0
0
0
0
0
0
0
AIF1_
BCLK_
INV
AIF1_
BCLK_
FRC
AIF1_
BCLK_
MSTR
AIF1_BCLK_FREQ [4:0]
000Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com