Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 283 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 283 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 279Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 280Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 281Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 282Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 283Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 284Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 285Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 286Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 287Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
283
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R550 (0226h) HP Ctrl 1R
0
RMV_
SHRT
_HP1R
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0400h
R659 (293h) Accessory Detect
Mode 1
0
0
ACCD
ET_SR
C
0
0
0
0
0
0
0
0
0
0
0
ACCDET_MOD
E [1:0]
0000h
R667 (29Bh) Headphone Detect
1
0
0
0
0
0
HP_IMPEDAN
CE_RANGE
[1:0]
0
HP_HOLDTIME [2:0]
0
0
0
HP_R
ATE
HP_P
OLL
0020h
R668 (29Ch) Headphone Detect
2
HP_D
ONE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0000h
R671 (29Fh) Headphone Detect
Test
0
0
0
0
0
0
HP_DACVAL [9:0]
0000h
R674 (2A2h) Micd Clamp control
0
0
0
0
0
0
0
0
0
0
0
0
MICD_CLAMP_MODE [3:0]
0000h
R675 (2A3h) Mic Detect 1
MICD_BIAS_STARTTIME [3:0]
MICD_RATE [3:0]
0
0
MICD_BIAS_S
RC [1:0]
0
0
MICD_
DBTIM
E
MICD_
ENA
1102h
R676 (2A4h) Mic Detect 2
0
0
0
0
0
0
0
0
MICD_LVL_SEL [7:0]
009Fh
R677 (2A5h) Mic Detect 3
0
0
0
0
0
MICD_LVL [8:0]
MICD_
VALID
MICD_
STS
0000h
R707 (2C3h) Mic noise mix
control 1
0
MICMUTE_RATE [3:0]
0
0
0
MICM
UTE_
NOISE
_ENA
MICM
UTE_
MIX_E
NA
0
0
0
0
0
0
0000h
R715 (2CBh) Isolation control
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ISOLA
TE_D
CVDD
1
0000h
R723 (2D3h) Jack detect
analogue
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
JD1_E
NA
0000h
R768 (300h) Input Enables
0
0
0
0
0
0
0
0
0
0
IN3L_
ENA
IN3R_
ENA
IN2L_
ENA
IN2R_
ENA
IN1L_
ENA
IN1R_
ENA
0000h
R769 (301h) Input Enables
Status
0
0
0
0
0
0
0
0
0
0
IN3L_
ENA_
STS
IN3R_
ENA_
STS
IN2L_
ENA_
STS
IN2R_
ENA_
STS
IN1L_
ENA_
STS
IN1R_
ENA_
STS
0000h
R776 (308h) Input Rate
0
IN_RATE [3:0]
0
0
0
0
0
0
0
0
0
0
0
0000h
R777 (309h) Input Volume
Ramp
0
0
0
0
0
0
0
0
0
IN_VD_RAMP [2:0]
0
IN_VI_RAMP [2:0]
0022h
R784 (310h) IN1L Control
0
IN1_OSR [1:0] IN1_DMIC_SU
P [1:0]
IN1_MODE
[1:0]
0
IN1L_PGA_VOL [6:0]
0
2080h
R785 (311h) ADC Digital
Volume 1L
0
0
0
0
0
0
IN_VU IN1L_
MUTE
IN1L_VOL [7:0]
0180h
R786 (312h) DMIC1L Control
0
0
0
0
0
0
0
0
0
0
IN1_DMICL_DLY [5:0]
0000h
R788 (314h) IN1R Control
0
0
0
0
0
0
0
0
IN1R_PGA_VOL [6:0]
0
0080h
R789 (315h) ADC Digital
Volume 1R
0
0
0
0
0
0
IN_VU IN1R_
MUTE
IN1R_VOL [7:0]
0180h
R790 (316h) DMIC1R Control
0
0
0
0
0
0
0
0
0
0
IN1_DMICR_DLY [5:0]
0000h
R792 (318h) IN2L Control
0
IN2_OSR [1:0] IN2_DMIC_SU
P [1:0]
IN2_MODE
[1:0]
0
IN2L_PGA_VOL [6:0]
0
2080h
R793 (319h) ADC Digital
Volume 2L
0
0
0
0
0
0
IN_VU IN2L_
MUTE
IN2L_VOL [7:0]
0180h
R794 (31Ah) DMIC2L Control
0
0
0
0
0
0
0
0
0
0
IN2_DMICL_DLY [5:0]
0000h
R796 (31Ch) IN2R Control
0
0
0
0
0
0
0
0
IN2R_PGA_VOL [6:0]
0
0080h
R797 (31Dh) ADC Digital
Volume 2R
0
0
0
0
0
0
IN_VU IN2R_
MUTE
IN2R_VOL [7:0]
0180h
R798 (31Eh) DMIC2R Control
0
0
0
0
0
0
0
0
0
0
IN2_DMICR_DLY [5:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com