Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 286 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 286 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 282Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 283Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 284Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 285Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 286Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 287Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 288Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 289Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 290Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
286
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1281 (501h) AIF1 Tx Pin Ctrl
0
0
0
0
0
0
0
0
0
0
AIF1T
X_DAT
_TRI
0
AIF1T
X_LRC
LK_SR
C
AIF1T
X_LRC
LK_IN
V
AIF1T
X_LRC
LK_FR
C
AIF1T
X_LRC
LK_M
STR
0008h
R1282 (502h) AIF1 Rx Pin Ctrl
0
0
0
0
0
0
0
0
0
0
0
0
0
AIF1R
X_LRC
LK_IN
V
AIF1R
X_LRC
LK_FR
C
AIF1R
X_LRC
LK_M
STR
0000h
R1283 (503h) AIF1 Rate Ctrl
0
AIF1_RATE [3:0]
0
0
0
0
AIF1_
TRI
0
0
0
0
0
0
0000h
R1284 (504h) AIF1 Format
0
0
0
0
0
0
0
0
0
0
0
0
0
AIF1_FMT [2:0]
0000h
R1285 (505h) AIF1 Tx BCLK
Rate
0
0
0
AIF1TX_BCPF [12:0]
0040h
R1286 (506h) AIF1 Rx BCLK
Rate
0
0
0
AIF1RX_BCPF [12:0]
0040h
R1287 (507h) AIF1 Frame Ctrl 1
0
0
AIF1TX_WL [5:0]
AIF1TX_SLOT_LEN [7:0]
1818h
R1288 (508h) AIF1 Frame Ctrl 2
0
0
AIF1RX_WL [5:0]
AIF1RX_SLOT_LEN [7:0]
1818h
R1289 (509h) AIF1 Frame Ctrl 3
0
0
0
0
0
0
0
0
0
0
AIF1TX1_SLOT [5:0]
0000h
R1290 (50Ah) AIF1 Frame Ctrl 4
0
0
0
0
0
0
0
0
0
0
AIF1TX2_SLOT [5:0]
0001h
R1291 (50Bh) AIF1 Frame Ctrl 5
0
0
0
0
0
0
0
0
0
0
AIF1TX3_SLOT [5:0]
0002h
R1292 (50Ch) AIF1 Frame Ctrl 6
0
0
0
0
0
0
0
0
0
0
AIF1TX4_SLOT [5:0]
0003h
R1293 (50Dh) AIF1 Frame Ctrl 7
0
0
0
0
0
0
0
0
0
0
AIF1TX5_SLOT [5:0]
0004h
R1294 (50Eh) AIF1 Frame Ctrl 8
0
0
0
0
0
0
0
0
0
0
AIF1TX6_SLOT [5:0]
0005h
R1295 (50Fh) AIF1 Frame Ctrl 9
0
0
0
0
0
0
0
0
0
0
AIF1TX7_SLOT [5:0]
0006h
R1296 (510h) AIF1 Frame Ctrl 10
0
0
0
0
0
0
0
0
0
0
AIF1TX8_SLOT [5:0]
0007h
R1297 (511h) AIF1 Frame Ctrl 11
0
0
0
0
0
0
0
0
0
0
AIF1RX1_SLOT [5:0]
0000h
R1298 (512h) AIF1 Frame Ctrl 12
0
0
0
0
0
0
0
0
0
0
AIF1RX2_SLOT [5:0]
0001h
R1299 (513h) AIF1 Frame Ctrl 13
0
0
0
0
0
0
0
0
0
0
AIF1RX3_SLOT [5:0]
0002h
R1300 (514h) AIF1 Frame Ctrl 14
0
0
0
0
0
0
0
0
0
0
AIF1RX4_SLOT [5:0]
0003h
R1301 (515h) AIF1 Frame Ctrl 15
0
0
0
0
0
0
0
0
0
0
AIF1RX5_SLOT [5:0]
0004h
R1302 (516h) AIF1 Frame Ctrl 16
0
0
0
0
0
0
0
0
0
0
AIF1RX6_SLOT [5:0]
0005h
R1303 (517h) AIF1 Frame Ctrl 17
0
0
0
0
0
0
0
0
0
0
AIF1RX7_SLOT [5:0]
0006h
R1304 (518h) AIF1 Frame Ctrl 18
0
0
0
0
0
0
0
0
0
0
AIF1RX8_SLOT [5:0]
0007h
R1305 (519h) AIF1 Tx Enables
0
0
0
0
0
0
0
0
AIF1T
X8_EN
A
AIF1T
X7_EN
A
AIF1T
X6_EN
A
AIF1T
X5_EN
A
AIF1T
X4_EN
A
AIF1T
X3_EN
A
AIF1T
X2_EN
A
AIF1T
X1_EN
A
0000h
R1306 (51Ah) AIF1 Rx Enables
0
0
0
0
0
0
0
0
AIF1R
X8_EN
A
AIF1R
X7_EN
A
AIF1R
X6_EN
A
AIF1R
X5_EN
A
AIF1R
X4_EN
A
AIF1R
X3_EN
A
AIF1R
X2_EN
A
AIF1R
X1_EN
A
0000h
R1344 (540h) AIF2 BCLK Ctrl
0
0
0
0
0
0
0
0
AIF2_
BCLK_
INV
AIF2_
BCLK_
FRC
AIF2_
BCLK_
MSTR
AIF2_BCLK_FREQ [4:0]
000Ch
R1345 (541h) AIF2 Tx Pin Ctrl
0
0
0
0
0
0
0
0
0
0
AIF2T
X_DAT
_TRI
0
AIF2T
X_LRC
LK_SR
C
AIF2T
X_LRC
LK_IN
V
AIF2T
X_LRC
LK_FR
C
AIF2T
X_LRC
LK_M
STR
0008h
R1346 (542h) AIF2 Rx Pin Ctrl
0
0
0
0
0
0
0
0
0
0
0
0
0
AIF2R
X_LRC
LK_IN
V
AIF2R
X_LRC
LK_FR
C
AIF2R
X_LRC
LK_M
STR
0000h
R1347 (543h) AIF2 Rate Ctrl
0
AIF2_RATE [3:0]
0
0
0
0
AIF2_
TRI
0
0
0
0
0
0
0000h
R1348 (544h) AIF2 Format
0
0
0
0
0
0
0
0
0
0
0
0
0
AIF2_FMT [2:0]
0000h
R1349 (545h) AIF2 Tx BCLK
Rate
0
0
0
AIF2TX_BCPF [12:0]
0040h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com