Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 280 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 280 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 276Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 277Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 278Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 279Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 280Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 281Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 282Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 283Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 284Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
280
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R105 (69h) Always On Triggers
Sequence Select 4
0
0
0
0
0
0
0
WSEQ_GP5_FALL_INDEX [8:0]
01FFh
R106 (6Ah) Always On Triggers
Sequence Select 5
0
0
0
0
0
0
0
WSEQ_JD1_RISE_INDEX [8:0]
01FFh
R107 (6Bh) Always On Triggers
Sequence Select 6
0
0
0
0
0
0
0
WSEQ_JD1_FALL_INDEX [8:0]
01FFh
R110 (6Eh) Trigger Sequence
Select 32
0
0
0
0
0
0
0
WSEQ_DRC1_SIG_DET_RISE_INDEX [8:0]
01FFh
R111 (6Fh) Trigger Sequence
Select 33
0
0
0
0
0
0
0
WSEQ_DRC1_SIG_DET_FALL_INDEX [8:0]
01FFh
R112 (70h) Comfort Noise
Generator
0
NOISE_GEN_RATE [3:0]
0
0
0
0
0
NOISE
_GEN
_ENA
NOISE_GEN_GAIN [4:0]
0000h
R144 (90h) Haptics Control 1
0
HAP_RATE [3:0]
0
0
0
0
0
0
ONES
HOT_
TRIG
HAP_CTRL
[1:0]
HAP_
ACT
0
0000h
R145 (91h) Haptics Control 2
0
LRA_FREQ [14:0]
7FFFh
R146 (92h) Haptics phase 1
intensity
0
0
0
0
0
0
0
0
PHASE1_INTENSITY [7:0]
0000h
R147 (93h) Haptics phase 1
duration
0
0
0
0
0
0
0
PHASE1_DURATION [8:0]
0000h
R148 (94h) Haptics phase 2
intensity
0
0
0
0
0
0
0
0
PHASE2_INTENSITY [7:0]
0000h
R149 (95h) Haptics phase 2
duration
0
0
0
0
0
PHASE2_DURATION [10:0]
0000h
R150 (96h) Haptics phase 3
intensity
0
0
0
0
0
0
0
0
PHASE3_INTENSITY [7:0]
0000h
R151 (97h) Haptics phase 3
duration
0
0
0
0
0
0
0
PHASE3_DURATION [8:0]
0000h
R152 (98h) Haptics Status
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ONES
HOT_
STS
0000h
R256 (100h) Clock 32k 1
0
0
0
0
0
0
0
0
0
CLK_3
2K_EN
A
0
0
0
0
CLK_32K_SRC
[1:0]
0002h
R257 (101h) System Clock 1
SYSC
LK_FR
AC
0
0
0
0
SYSCLK_FREQ [2:0]
0
SYSC
LK_EN
A
0
0
SYSCLK_SRC [3:0]
0304h
R258 (102h) Sample rate 1
0
0
0
0
0
0
0
0
0
0
0
SAMPLE_RATE_1 [4:0]
0011h
R259 (103h) Sample rate 2
0
0
0
0
0
0
0
0
0
0
0
SAMPLE_RATE_2 [4:0]
0011h
R260 (104h) Sample rate 3
0
0
0
0
0
0
0
0
0
0
0
SAMPLE_RATE_3 [4:0]
0011h
R266 (10Ah) Sample rate 1
status
0
0
0
0
0
0
0
0
0
0
0
SAMPLE_RATE_1_STS [4:0]
0000h
R267 (10Bh) Sample rate 2
status
0
0
0
0
0
0
0
0
0
0
0
SAMPLE_RATE_2_STS [4:0]
0000h
R268 (10Ch) Sample rate 3
status
0
0
0
0
0
0
0
0
0
0
0
SAMPLE_RATE_3_STS [4:0]
0000h
R274 (112h) Async clock 1
0
0
0
0
0
ASYNC_CLK_FREQ
[2:0]
0
ASYN
C_CLK
_ENA
0
0
ASYNC_CLK_SRC [3:0]
0305h
R275 (113h) Async sample rate
1
0
0
0
0
0
0
0
0
0
0
0
ASYNC_SAMPLE_RATE_1 [4:0]
0011h
R276 (114h) Async sample rate
2
0
0
0
0
0
0
0
0
0
0
0
ASYNC_SAMPLE_RATE_2 [4:0]
0011h
R283 (11Bh) Async sample rate
1 status
0
0
0
0
0
0
0
0
0
0
0
ASYNC_SAMPLE_RATE_1_STS [4:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com