Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 272 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 272 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 268Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 269Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 270Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 271Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 272Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 273Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 274Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 275Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 276Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
272
JTAG INTERFACE
The JTAG interface provides test and debug access to the WM5102 DSP core. The interface
comprises 5 pins, as detailed below.
TCK: Clock input
TDI: Data input
TDO: Data output
TMS: Mode select input
TRST: Test Access Port reset input (active low)
For normal operation (test and debug access disabled), the JTAG interface should be held in reset (ie.
TRST should be at logic 0). An internal pull-down resistor holds the TRST pin low when not actively
driven.
The other JTAG input pins (TCK, TDI, TMSDSP) should also be held at logic 0 for normal operation.
An internal pull-down resistor holds these pins low when not actively driven.
THERMAL SHUTDOWN
The WM5102 incorporates a temperature sensor which detects when the device temperature is within
normal limits or if the device is approaching a hazardous temperature condition.
The temperature sensor is an input to the Interrupt control circuit and can be used to trigger an
Interrupt event - see “Interrupts”.
The Warning Temperature and Shutdown Temperature status flags can be output directly on a GPIO
pin as an external indication of the temperature sensor. See “General Purpose Input / Output” to
configure a GPIO pin for this function.
It is strongly recommended that the speaker drivers be disabled if the Shutdown Temperature
condition occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com