| Electronic Components Datasheet Search |
|
WM5102 Datasheet(PDF) 261 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM5102 Datasheet(HTML) 261 Page - Wolfson Microelectronics plc |
|
261 / 334 page ![]() Production Data WM5102 w PD, June 2014, Rev 4.2 261 DRC SIGNAL DETECT SEQUENCES The Dynamic Range Control (DRC) function within the WM5102 Digital Core provides a configurable signal detect function. This allows the signal level at the DRC input to be monitored and used to trigger other events. The DRC Signal Detect function is enabled and configured using the register fields described in Table 14. A Control Write Sequence can be associated with a rising edge and/or a falling edge of the DRC Signal Detect output. This is enabled using the DRC1_WSEQ_SIG_DET_ENA register bit. When the DRC Signal Detect sequence is enabled, the Control Write Sequencer will be triggered whenever the Signal Detect output transitions (high or low). The applicable start index location within the sequencer memory is separately configurable for each logic condition. The WSEQ_DRC1_SIG_DET_RISE_SEQ_INDEX register defines the sequencer start index corresponding to a DRC Signal Detect Rising Edge event, as described in Table 115. The WSEQ_DRC1_SIG_DET_FALL_SEQ_INDEX register defines the sequencer start index corresponding to a DRC Signal Detect Falling Edge event. Note that a sequencer start index of 1FFh will cause the respective sequence to be aborted. The DRC Signal Detect sequences cannot be independently enabled for rising and falling edges. Instead, a start index of 1FFh can be used to disable the sequence for either edge, if required. The DRC Signal Detect control sequences are undefined following initial power-up, but can be user- programmed during normal operation. Note that all control sequences are retained in the sequencer memory through Hardware Reset and Software Reset, provided DCVDD is held above its reset threshold. The control sequence memory is always retained in Sleep mode. Excluding Sleep mode, the control sequence memory is cleared if DCVDD falls below its reset threshold. See the “Applications Information” section for a summary of the WM5102 memory reset conditions. See “Digital Core” for further details of the Dynamic Range Control (DRC) function. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R110 (006Eh) Trigger Sequence Select 32 8:0 WSEQ_DRC1_SI G_DET_RISE_IN DEX [8:0] 1FFh DRC1 Signal Detect (Rising) Write Sequence start index This field contains the index location in the sequencer memory of the first command in the sequence associated with DRC1 Signal Detect (Rising) detection. Valid from 0 to 255 (0FFh). R111 (006Fh) Trigger Sequence Select 33 8:0 WSEQ_DRC1_SI G_DET_FALL_IN DEX [8:0] 1FFh DRC1 Signal Detect (Falling) Write Sequence start index This field contains the index location in the sequencer memory of the first command in the sequence associated with DRC1 Signal Detect (Falling) detection. Valid from 0 to 255 (0FFh). Table 115 Write Sequencer Control - DRC Signal Detect |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |