Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 258 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 258 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 254Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 255Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 256Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 257Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 258Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 259Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 260Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 261Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 262Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
258
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22
(0016h)
Write
Sequencer
Ctrl 0
11
WSEQ_ABORT
0
Writing a 1 to this bit aborts the current
sequence.
10
WSEQ_START
0
Writing a 1 to this bit starts the write
sequencer at the index location selected
by WSEQ_START_INDEX. At the end of
the sequence, this bit will be reset by the
Write Sequencer.
9
WSEQ_ENA
0
Write Sequencer Enable
0 = Disabled
1 = Enabled
Only applies to sequences triggered
using the WSEQ_START bit.
8:0
WSEQ_START_I
NDEX [8:0]
000h
Sequence Start Index
This field contains the index location in
the sequencer memory of the first
command in the selected sequence.
Only applies to sequences triggered
using the WSEQ_START bit.
Valid from 0 to 255 (0FFh).
Table 112 Write Sequencer Control - Initiating a Sequence
AUTOMATIC SAMPLE RATE DETECTION SEQUENCES
The WM5102 supports automatic sample rate detection on the digital audio interfaces (AIF1, AIF2 and
AIF3), when operating in AIF Slave mode. Automatic sample rate detection is enabled using the
RATE_EST_ENA register bit (see Table 100).
Up to four audio sample rates can be configured for automatic detection; these sample rates are
selected using the SAMPLE_RATE_DETECT_n registers. If one of the selected audio sample rates is
detected, then the Control Write Sequencer will be triggered. The applicable start index location within
the sequencer memory is separately configurable for each detected sample rate.
The WSEQ_SAMPLE_RATE_DETECT_A_INDEX register defines the sequencer start index
corresponding to the SAMPLE_RATE_DETECT_A sample rate. Equivalent start index values are
defined for the other sample rates, as described in Table 113.
Note that a sequencer start index of 1FFh will cause the respective sequence to be aborted.
The automatic sample rate detection control sequences are undefined following initial power-up, but
can be user-programmed during normal operation. Note that all control sequences are retained in the
sequencer memory through Hardware Reset and Software Reset, provided DCVDD is held above its
reset threshold. The control sequence memory is always retained in Sleep mode. Excluding Sleep
mode, the control sequence memory is cleared if DCVDD falls below its reset threshold. See the
“Applications Information” section for a summary of the WM5102 memory reset conditions.
See “Clocking and Sample Rates” for further details of the automatic sample rate detection function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com