Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 257 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 257 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 253Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 254Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 255Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 256Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 257Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 258Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 259Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 260Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 261Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
257
CONTROL WRITE SEQUENCER
The Control Write Sequencer is a programmable unit that forms part of the WM5102 control interface
logic. It provides the ability to perform a sequence of register write operations with the minimum of
demands on the host processor - the sequence may be initiated by a single operation from the host
processor and then left to execute independently.
Default sequences for pop-suppressed start-up and shut-down of each headphone/earpiece output
driver are provided (these are scheduled automatically when the respective output paths are enabled
or disabled). Other control sequences can be programmed, and may be associated with Jack Detect,
Wake-Up or Sample Rate Detection functions - these sequences are automatically scheduled
whenever a corresponding event is detected.
When a sequence is initiated, the sequencer performs a series of pre-defined register writes. The
‘start index’ of a control sequence within the sequencer’s memory may be commanded directly by the
host processor. In the case of a headphone or earpiece enable/disable event, or sequences
associated with Jack Detect, Sleep Control or Sample Rate Detection, the applicable ‘start index’ is
held in a user-programmed control register for each sequence.
The Control Write Sequencer may be triggered in a number of ways, as described above. Multiple
sequences will be queued if necessary, and each is scheduled in turn. When all of the queued
sequences have completed, the sequencer stops, and an Interrupt status flag is asserted.
A valid clock (SYSCLK) must be enabled whenever a Control Write Sequence is scheduled. See
“Clocking and Sample Rates” for further details.
INITIATING A SEQUENCE
The Register fields associated with running the Control Write Sequencer are described in Table 112.
The Write Sequencer is enabled using the WSEQ_ENA bit. The index location of the first command in
the selected sequence is held in the WSEQ_START_INDEX register.
Writing a ‘1’ to the WSEQ_START bit commands the sequencer to execute a control sequence,
starting at the given index. Note that, if the sequencer is already running, then the WSEQ_START
command will be queued, and will be executed later when the sequencer becomes available.
The Write Sequencer can be interrupted by writing a ‘1’ to the WSEQ_ABORT bit. Note that this
command will only abort a sequence that is currently running; if other sequence commands are
pending and not yet started, these sequences will not be aborted by writing to the WSEQ_ABORT bit.
The Write Sequencer stores up to 256 register write commands. These are defined in Registers
R12288 (3000h) to R12799 (31FFh). Each of the 256 possible commands is defined in 2 control
registers - see Table 117 for a description of these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com