Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 156 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 156 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 152Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 153Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 154Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 155Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 156Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 157Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 158Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 159Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 160Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 214 page
background image
FEDL7204-003-02
ML7204-003
156/214
C. Tone output time control internal data memory (TGEN1_TIM_M0/TGEN1_TIM_M1)
TGEN1 output time control 0 (TGEN1_TIM_M0)
Initial value: 0FA0h (500 ms)
TGEN1 output time control 1 (TGEN1_TIM_M1)
Initial value: 0FA0h (500 ms)
Use the following calculation expression when changing the value.
Calculation expression : T/0.125 (T: Time in ms)
<Example> Time = 200 ms is set.
200/0.125 = 1600d = 0640h
Upper limit: 4095.875 ms
(Data: 7FFFh)
Lower limit: 0.125 ms
(Data: 0001h)
(Note)
Do not set 0000h (0 ms) as the time since the value is inhibited.
D. Tone total gain control internal data memory (TGEN1_RXABGAIN_TOTAL/TGEN1_TXGAIN_TOTAL)
TGEN1 RXAB side tone total gain control (TGEN1_RXABGAIN_TOTAL)
Initial value: 0080h
TGEN TX side tone total gain control (TGEN1_TXGAIN_TOTAL)
Initial value: 0080h
The initial value is 0 dB. Use the following calculation expression when changing the output level.
Calculation expression: 0080h
 GAIN
<Example> Reduce the output level by 6 dB.
0080h
 0.5 = 0040h
Upper limit
: +40 dB
(Data: 3200h)
Lower limit
: –40 dB
(Data: 0001h)
: MUTE
(Data: 0000h)
(Note)
The amplitude must not exceed the maximum amplitude 3.17 dBm0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com