Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 153 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 153 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 149Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 150Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 151Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 152Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 153Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 154Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 155Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 156Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 157Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 214 page
background image
FEDL7204-003-02
ML7204-003
153/214
E. TGEN0 fade control internal data memory (TGEN0_FADE_CONT)
Initial value: 0000h (Stop)
The fade-in/fade-out function of TGEN0 gain control can be activated by setting “0001h” in this data
memory.
0000h: Stops the fade-in/fade-out function.
0001h: Activates the fade-in/fade-out function
(Note)
When using this control function, set a correct fade-out time.
F. TGEN0 fade-in step value control internal data memory (TGEN0_FADE_IN_ST)
Initial value: 47CFh (+1.0 dB)
Use the following calculation expression when changing step amount X.
Calculation expression: 10(X/20)
 16384
<Example> Set the step value to +3 dB.
10(3/20)
 16384 = 23143d = 5A67h
Maximum step value: +6.0 dB (Data: 7FB2h)
Minimum step value: +0.1 dB (Data: 40BEh)
G. TGEN0 fade-out step value control internal data memory (TGEN0_FADE_OUT_ST)
Initial value: 390Ah (
1.0 dB)
Use the following calculation expression when changing step amount X.
Calculation expression: 10(X/20)
 16384
<Example> Set the step value to –3 dB.
10(3/20)
 16384 = 11599d = 2D4Fh
Maximum step value:
6.0 dB (Data: 2013h)
Minimum step value:
0.1 dB (Data: 3F44h)
H. TGEN0 fade-out time control internal data memory (TGEN0_FADE_OUT_TIM)
Initial value: 002Bh (43 Sync)
Use the following calculation expression when changing the fade-out time.
Calculation expression: 43 dB/“fade-out step value” dB
<Example> The step value is 2 dB.
43/2 = 22d = 16h
Upper limit: 430 Sync
(Data: 01AEh)
Lower limit: 8 Sync
(Data: 0008h)
(Note)
Do not set 0000h since the value is inhibited.
The condition, fade-out time<TIM_M0,TIM_M1, must be observed.
(Supplementary information) Step values can be set individually; however, the parameters that are set
are commonly used for TONE_A and TONE_B. In addition, the operation control and stop time
parameters are commonly used for TONE_A and TONE_B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com