Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 151 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 151 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 147Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 148Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 149Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 150Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 151Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 152Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 153Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 154Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 155Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 214 page
background image
FEDL7204-003-02
ML7204-003
151/214
Tone Generator 0 (TONE_GEN0)
Various parameters of tone generator 0 can be set.
A. Tone frequency control internal data memory
TONE A frequency control (TGEN0_FREQ_A)
Initial value: 0CCDh (400 Hz)
TONE B frequency control (TGEN0_FREQ_B)
Initial value: 007Bh (15 Hz)
For the initial values, tone of 400 Hz is output as TONE A and tone of 15 Hz as TONE B. Use the
following calculation expression when changing the frequency.
Calculation expression: f
 8.192 (f: Desired frequency)
<Example> Frequency = 2100 Hz
2100
 8.192  4333h
Upper limit: 3 kHz
(Data: 6000h)
Lower limit: 15 Hz
(Data: 007Bh)
B. Tone gain control internal data memory
TONE A gain control (TGEN0_GAIN_A)
Initial value: 0080h
TONE B gain control (TGEN0_GAIN_B)
Initial value: 0080h
The initial value of the output level is -13.3 dBm0. Use the following calculation expression when
changing the output level.
Calculation expression: 0080h
 GAIN
<Example> Reduce the gain amount by 6 dB (
0.5).
0080h
 0.5 = 0040h
Upper limit: +12 dB
(Data: 01FEh)
Lower limit:
12 dB
(Data: 0020h)
(Note)
The result of multiplication or addition of each tone must not exceed the maximum amplitude 3.17 dBm0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com