Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 150 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 150 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 146Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 147Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 148Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 149Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 150Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 151Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 152Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 153Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 154Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 214 page
background image
FEDL7204-003-02
ML7204-003
150/214
B0: TXGAIN_CH1_FADECONT control
1: ON (Performs fade-in/fade-out processing at modification of TXGAIN_CH1)
0: OFF
F-3: Gain fade control internal data memory 2 (GAIN_FADE_CONT2)
Bit
B15
B14
B13
B12
B11
B10
B9
B8
Name








Initial value
0
0
0
0
0
0
0
0
Bit
B7
B6
B5
B4
B3
B2
B1
B0
Name






TXGAIN_
PCM2_FC
RXGAIN_
PCM2_FC
Initial value
0
1
0
0
0
0
0
0
B15-B2: Reserved bits Changing of the initial values is inhibited.
B1: TXGAIN_PCM2_FADECONT control
1: ON (Performs fade-in/fade-out processing at modification of TXGAIN_PCM2)
0: OFF
B0: RXGAIN_PCM2_FADECONT control
1: ON (Performs fade-in/fade-out processing at modification of RXGAIN_PCM2)
0: OFF
G. Gain fade-in step value control internal data memory (GAIN_FADE_IN_ST)
Initial value: 4C10h (+1.5 dB)
Use the following calculation expression when changing step amount X.
Calculation expression: 10(X/20)
 16384
<Example> Set the step value to +3 dB.
10(3/20)
 16384 = 23143d = 5A67h
Maximum step value: +6.0 dB (Data: 7FB2h)
Minimum step value: +0.1 dB (Data: 40BEh)
H. Gain fade-out step value control internal data memory (GAIN_FADE_OUT_ST)
Initial value: 35D9h (
1.5 dB)
Use the following calculation expression when changing step amount X.
Calculation expression: 10(X/20)
 16384
<Value> Set the step value to –3 dB.
10(3/20)
 16384 = 11599d = 2D4Fh
Maximum step value:
6.0 dB (Data: 2013h)
Minimum step value:
0.1 dB (Data: 3F44h)
(Supplementary information) Step values of fade-in and fade-out can be set separately; however, the parameters
that are set are commonly used by all the gain controllers for which fade-in/fade-out processing is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com