Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 148 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 148 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 144Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 145Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 146Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 147Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 148Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 149Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 150Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 151Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 152Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 214 page
background image
FEDL7204-003-02
ML7204-003
148/214
F. Gain fade control internal data memory (GAIN_FADE_CONT0/GAIN_FADE_CONT1)
This LSI is equipped with the function for attenuating or amplifying (gain fade-in/fade-out function) signals to
the required gain when a gain amount is changed, except for STGAINA and STGAINB.
F-1: Gain fade control internal data memory 0 (GAIN_FADE_CONT0)
Bit
B15
B14
B13
B12
B11
B10
B9
B8
Name
—
—
RXGAIN_
ITS2_FC
RXGAIN_
ITS1_FC
RXGAIN_
PCM1_FC
RXGAIN_
PCM0_FC
TXGAIN_
PCM1_FC
TXGAIN_
PCM0_FC
Initial value
0
0
0
0
0
0
0
0
Bit
B7
B6
B5
B4
B3
B2
B1
B0
Name
OUT
BAND_FC
—
RXGAINB
_FC
RXGAINA
_FC
RXGAIN
_SC_FC
TXGAINB
_FC
TXGAINA
_FC
TXGAIN
_SC_FC
Initial value
0
0
0
0
0
0
0
0
B15-B14: Reserved bits Changing of the initial values is inhibited.
B13: RXGAIN_ITS2_FADECONT control
1: ON (Performs fade-in/fade-out processing when RXGAIN_ITS2 is modified)
0: OFF
B12: RXGAIN_ITS1_FADECONT control
1: ON (Performs fade-in/fade-out processing when RXGAIN_ITS1 is modified)
0: OFF
B11: RXGAIN_PCM1_FADECONT control
1: ON (Performs fade-in/fade-out processing when RXGAIN_PCM1 is modified)
0: OFF
B10: RXGAIN_PCM0_FADECONT control
1: ON (Performs fade-in/fade-out processing when RXGAIN_PCM0 is modified)
0: OFF
B9: TXGAIN_PCM1_FADECONT control
1: ON (Performs fade-in/fade-out processing when TXGAIN_PCM1 is modified)
0: OFF
B8: TXGAIN_PCM0_FADECONT control
1: ON (Performs fade-in/fade-out processing when TXGAIN_PCM0 is modified)
0: OFF
B7: OUTBAND_FADE_CONT control
1: ON (Performs fade-in/fade-out processing at transition to MUTE processing or returning to
MUTE processing)
0: OFF
B6: Reserved bit Changing of the initial value is inhibited.
B5: RXGAINB _FADECONT control
1: ON (Performs fade-in/fade-out processing at modification of RXGAINB)
0: OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com