Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 147 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 147 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 143Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 144Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 145Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 146Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 147Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 148Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 149Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 150Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 151Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 214 page
background image
FEDL7204-003-02
ML7204-003
147/214
E-4: Internal data memory for adjustment of CH2 transmit gain (TXGAIN_CH2)
A transmit gain of channel 2 at 2-channel operation (SC_EN = 1, DC_EN = 1) in Speech CODEC can be
set.
Initial value: 0080h (0.0 dB)
Use the following calculation expression when changing the gain amount.
Calculation expression: 0080h
GAIN
<Example> Set the gain amount to +6 dB (
2).
0080h
2 = 0100h
Upper limit: About +40 dB
(Data: 3200h)
: 0 dB
(Data: 0080h)
Lower limit: About
42 dB
(Data: 0001h)
: MUTE
(Data: 0000h)
E-5: Internal data memory for adjustment of CH2 receive
CH1 transmit loop back gain (RX2TX1_GAIN)
Initial value: 0080h (0.0 dB)
Use the following calculation expression when changing the gain amount.
Calculation expression: 0080h
GAIN
<Example> Set the gain amount to +6 dB (
2).
0080h
2 = 0100h
Upper limit: About +40 dB
(Data: 3200h)
: 0 dB
(Data: 0080h)
Lower limit: About
42 dB
(Data: 0001h)
: MUTE
(Data: 0000h)
E-6: Internal data memory for adjustment of CH1 receive
CH2 transmit loop back gain (RX1TX2_GAIN)
Initial value: 0080h (0.0 dB)
Use the following calculation expression when changing the gain amount.
Calculation expression: 0080h
GAIN
<Example> Set the gain amount to +6 dB (
2).
0080h
2 = 0100h
Upper limit: About +40 dB
(Data: 3200h)
: 0 dB
(Data: 0080h)
Lower limit: About
42 dB
(Data: 0001h)
: MUTE
(Data: 0000h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com