Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 69 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 69 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 65Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 66Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 67Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 68Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
FEDL7406-02
ML7406
69/104
The follwing is timing chart for IDLE detection.
[Upon BUSYdetection, continue CCA and IDLE detection case]
(Note)
*1 During CCA operation, if set bandwidth to be extended (default is not extended), enabling filter stabilization time by
setting CCA_MASK_EN([CCA_MASK_SET: B2 0x7E(4)]) = 0b1. Stabilization time should be 1 ADC conversion time.
If this register is enabled, input operation is suspended until filter become stable.
[Condition]
ADC_CK_SEL([ADC_CLK_SET: B0 0x08(4)])=0b1 (2MHz)
ED_AVG[2:0]([ED_CTRL: B0 0x41(2-0)])=0b011 (ED value 8 times average)
IDLE_WAIT[9:0] ([IDLE_WAIT_L/H: B0 0x3C/3B(1-0)])=0b00_0000_0000 (IDLE detection period 0μs)
ED
(21-28)
ED
(22-29)
ED value average period
0b10(CCA on-going)
ED0
ED7
ED8
ED28
0b00(IDLE)
INVALID
averaging
CCA execution period(Min.128μs+IDLE detection period)
IDLE detection period
ED
(20-27)
> CCA_LVL
B0 0x37
ED
(0-7)
ED
(1-8)
ED27
ED29
<CCA_LVL
B0 0x37
BUSY INT. not generated
0b01(BUSY)
After IDLE detection, CCA will be completed,
then CCA_EN, CCA_IDLE_EN are reset to
0b0 automatically..
ED value
(internal signal)
ED_VALUE[7:0]
[ED_RSLT: B0 0x3A]
CCA_RSLT[1:0]
[CCA_CTRL: B0 0x39(1-0)]
INT[18] (CCA completion)
[INT_SOURCE_GRP3: B0 0x0F(2)]
CCA_IDLE_EN/CCA_EN
[CCA_CTRL: B0 0x39(6/4)]
AD conversion
(16μs)
IDLE_WAIT[9:0]
should be set, for
IDLE detection for
longer period
*1
●●●
●●●
●●●



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com