Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 84 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 84 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 104 page
background image
FEDL7406-02
ML7406
84/104
○Low speed clock shift detection function
ML7406 has low speed shift detection function to compensate inaccurate clock generated by RC oscillator (external clock or
internal RC oscillation circuits). By detecting frequency shift of the wake up timer, host can set wake-up timer parameters
which taking frequency shift into consideration. More accurate timer operation is possible by adjusting wake-up timer interval
setting ([WUT_INTERVAL_H/L: B0 0x2F/0x30]) or continuous operation timer interval ([WU_DURATION: B0 0x31]).
Setting
Register
Frequency shift detection clock frequency setting
[CLK_CAL_SET: B0 0x70]
Clock calibration time
[CLK_CAL_TIME: B0 0x71]
Clock calibration result value
[CLK_CAL_H: B0 0x72], [CLK_CAL_L: B0 0x73]
This function is to measure low speed wake-up timer cycle by using accurate high speed internal clock and count result will
be stored in [CLK_CAL_H/L: B0 0x72/0x73] registers. Above setting and count numbers are as follows:
High speed clock counter = {Wakeup timer clock cycle[SLEEP/WU_SET:B0 0x2D(2)] *
Clcok calibration time setting ([CLK_CAL_TIME:B0 0x71(5-0)]) /
{master clock cycle (26MHz) / clock division setting value ([CLK_CAL_SET: B0
0x70(7-4)])}
Clock calibration time is as follows:
Clock calibration time[s] = Wakeup timer clock cycle * Clock calibration time setting
[Example]
Assuming no division in the internal high speed clock, calibration time is set as 10 cycle. Set 1,000 to Wake-up interval
timer:
condition: wake-up timer clock frequency = 32.768kHz
detection clock division setting CLK_CAL_DIV[3:0][CLK_CAL_SET: B0 0x70(7-4)] = 0b0000
clock calibration time setting [CLK_CAL_TIME] = 0x0A
wake-up timer interval [WUT_INTERVAL_H/L:B0 0x2F,30] = 0x03E8
Theorical high speed clock count = (1/32.768kHz) * 10 / (1/26MHz)
= 7934(0x1EFE)
If getting [CLK_CAL_H/L:B0 0x72,73] = 0x1E17 (7703)
Counter difference = 7703 - 7934 = -231
Frequency shift = 1/[{1/32.768kHz + (-231) / 10 * 1/26MHz } - 1/32.768kHz] = 0.983 kHz
Then finding wake-up timer clock frequency accuracy is +3% higher. And the compensation vale (C) is calcurared as
below:
C= Wake-up timer interval([WUT_INTERVAL_H/L:B0 0x2F,30]) * frequecy shift / 32.768
= 1000 * 0.983kHz / 32.768kHz
=30
Therefore, setting [WUT_INTERVAL_H/L:B0 0x2F,30] = 1000 +30 = 1030 = 0x0406 to achive more accurate inteval
timinig.
(Note)
If calibration time is too short or if high speed counter is divided into low speed clock, calibration may not be accurate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com