Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 56 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 56 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 104 page
background image
FEDL7406-02
ML7406
56/104
○IF frequency setting
In order to support various data rate , RX filters have to be optimised. The RX filter can be selected according to the IF
frequency. IF frequency is set by [IF_FREQ_H: B0 0x54],[IF_FREQ_L: B0 0x55] registers. IF frequency corresponds to
each data rate must be selected as below.
Data rate
4.8kbps
32.768kbps
50kbps
100kbps
IF frequency
500kHz
500kHz
500kHz
720kHz
For other data rate, please refer to “Initialization table”.
If CCA is used to detect channel carrier power, required RX filter bandwidth may be different. [IF _FREQ_CCA_H: B1 0x56]
and [ IF_FREQ_CCA_L: B1 0x57] registers must be used for CCA purpose. IF frequency must be set according to the IF
frequency.
IF frequency setting value can be calculated using the following formula:
20
2
)
2
/
(
_
⋅
⎪⎭
⎪
⎬
⎫
⎪⎩
⎪
⎨
⎧
=
ref
IF
f
f
FREQ
IF
(Integer part)
Here
FREQ
IF _
: IF frequency setting
:
IF
f
IF frequency [MHz]
:
ref
f
PLL reference frequency (=master clock frequency: FMCK1)
[Example]
When set IF frequency to 720kHz (master ckock 26MHz), the calculation is as follows.
IF_FREQ= {(0.72MHz ÷ 2) ÷ 26MHz} ×220 (Integer part) = 14518 (0x38B6)
[IF_FREQ_H: B0 0x54] = 0x38
[IF_FREQ_L: B0 0x55] = 0xB6
○BPF frequency band setting
For normal operation (including AFC) and CCA operation, optimized BPF setting to [BPF_CO: B0 0x5C] and
[BPF_CO_CCA: B0 0x5D] registers are necessary. As indicated below table, proper value correspond to each data rate, must
be programmed.
Normal case
[BPF_CO: B0 0x5C]
CCA
[BPF_CO_CCA: B0 0x5D]
Data rate
[kbps]
[DRATE_SET: B0 0x06]
coefficient
Setting value
coefficient
Setting value
4.8
0b0010
1.44
0xB8
1.44
0xB8
32.768
0b1000
1.44
0xB8
1.44
0xB8
50
0b1010
1.44
0xB8
1.44
0xB8
100
0b1011
1
0x80
1
0x80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com