Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 85 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 85 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 104 page
background image
FEDL7406-02
ML7406
85/104
■LSI adjustment items and adjustment method
●PA adjustment
ML7406 has output circuits for 1mW and 20mW (10mW as well).
Output circuits can be selected by PA_MODE[1:0] ([PA_MODE: B0 0x67(5-4)]).
PA_MODE[1:0]
Output circuit
0b00
1mW
0b01
10mW
0b10
20mW
0b11
Not allowed
Output power can be adjusted by the following 3 registers.
Coarse adjustment 1
PA_REG[3:0] ([PA_MODE: B0 0x67(3-0)]) 16 resolutions
Coarse adjustment 2
PA_ADJ[3:0] ([PA_ADJ: B0 0x69(3-0)]) 16 resolutions
Fine adjustment
PA_REG_FINE_ADJ[4:0] ([PA_REG_FINE_ADJ: B0 0x68(4-0)]) 32 resolutions
Coarse adjustment 1: PA regulator voltage adjustment
Setting regulator voltage according to the desired output level.
However, please set PA regulator voltage to less than [VDD_PA(pin#22) – 0.3V].
PA_REG[3:0]
[PA_MODE:B0 0x67]
PA regulator
voltage[V]
0b0000
1.20
0b0001
1.32
0b0010
1.44
0b0011
1.56
0b0100
1.68
0b0101
1.80
0b0110
1.92
0b0111
2.04
0b1000
2.16
0b1001
2.28
0b1010
2.40
0b1011
2.52
0b1100
2.64
0b1101
2.76
0b1110
2.88
0b1111
3.00
Coarse adjustment 2: PA output gain adjustment
Controlling output power by adjusting PA gain. Adjustment steps are 0.4dB to 1.5dB.
[PA_ADJ: B0 0x69]=0x0F: output PA gain maximum.
[PA_ADJ: B0 0x69]=0x00: output gain minimum.
Fine adjustment: PA regulator voltage fine adjustment
Fine tuning output power by adjusting PA regulator voltage. Adjustment step is less than 0.2dB.
[PA_REG_FINE_ADJ B0 0x68]=0x1F: maximum
[PA_REG_FINE_ADJ B0 0x68]=0x00: minimum
(Note)
In order to achieve the most optimized result, Matching circuits may vary depending on the output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com