Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 16 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 16 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
FEDL7406-02
ML7406
16/104
●DIO iInterface characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
DIO input setup time
TDISU
1
−
−
µsec
DIO input hold time
TDIH
0
−
−
ns
DIO output hold time
TDOH
20
−
−
ns
DCLK frequency accuracy (*1)
(TX)
FDCLK_TX
-clock
frequency
deviation
−
+clock
frequency
deviation
kHz
DCLK frequency accuracy (*2)
(RX)
FDCLK_RX
-30
−
+30
%
DCLK output duty cycle
(TX)
DDCLK_TX
45
−
55
%
DCLKoutput duty cycle
(RX)
DDCLK_RX
Load capacitance
CL=20pF
30
−
70
%
*1 If there is no decimal point generated in the TX data rate setting caluclation, (see [TX_RATE_H: B1 0x02]), master
clock frequency deviation is max.and min.of TX DCLK frequency.
*2 Max.and min.of RX DCLK frequency indicates jitter of recovered clock from RX signal upon synchronization.
(Note)
All timing measurement conditions are VDDIO * 20% and VDDIO * 80%.
DCLK
DIO(Input)
VALID
VALID
FDCLK_TX/ FDCLK_RX
TDISU
TDIH
DIO(Output)
VALID
VALID
VALID
TDOH
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com