Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 36 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 36 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 104 page
background image
FEDL7406-02
ML7406
36/104
○Field check function
ML7406 has the function of caparing the 9 bytes following L-field (Format A/B: start from C-field, Format C: start from
Data-field) in a receiving packet. Based on comparison with the expected data, possible to generate interrupts (Field check
function). Field check can be possible with the following register setting. When using this function, RXDIO_CTRL[1:0]
([DIO_SET:B0 0x0C(7-6)] ) =0b00 (FIFO mode) or 0b11 (data output mode 2) setting is required.
Function
Register
RX data process setting when Field check unmatched
[C_CHECK_CTRL: B0 0x1B(7)]
Field check interrupt setting
[C_CHECK_CTRL: B0 0x1B(6)]
C-field detection enable setting
[C_CHECK_CTRL: B0 0x1B(4-0)]
M-field detection enable setting
[M_CHECK_CTRL: B0 0x1C(3-0)]
A-field detection enable setting
[A_CHECK_CTRL: B0 0x1D(5-0)]
C-field code setting
[C_FIELD_CODE1: B0 0x1E]
[C_FIELD_CODE2: B0 0x1F]
[C_FIELD_CODE3: B0 0x20]
[C_FIELD_CODE4: B0 0x21]
[C_FIELD_CODE5: B0 0x22]
M-field code setting
[M_FIELD_CODE1: B0 0x23]
[M_FIELD_CODE2: B0 0x24]
[M_FIELD_CODE3: B0 0x25]
[M_FIELD_CODE4: B0 0x26]
A-field code setting
[A_FIELD_CODE1: B0 0x27]
[A_FIELD_CODE2: B0 0x28]
[A_FIELD_CODE3: B0 0x29]
[A_FIELD_CODE4: B0 0x2A]
[A_FIELD_CODE5: B0 0x2B]
[A_FIELD_CODE6: B0 0x2C]
The following describes the relation between each comparison code and incoming RX data.
[Format A/B(Wireless M-Bus)]
Field check can be controlled by setting disabled/enabled for each comparison code (1 byte). If all specified Field data
(C-field/M-field/A-field) are matched, Field checking matching will be notified. However, if C-field data and
C_FIELD_CODE5 are matched, even if other Field data (M-field/A-field) are not matched, Field check result will be notified
as ”match”.
MSB
Preamble
Sync
Word
L
field
1st Block
A
field
C
field
M
field
1
byte
1
byte
2
bytes
10/18/
32bits
Over n*2
bit
6
bytes
CRC
field
0/2
bytes
C1: [C_FIELD_CODE1: B0 0x1E]
C2: [C_FIELD_CODE2: B0 0x1F]
C3: [C_FIELD_CODE3: B0 0x20]
C4: [C_FIELD_CODE4: B0 0x21]
C5: [C_FIELD_CODE5: B0 0x22]
A1. [A_FIELD_CODE1: B0 0x27]
A2. [A_FIELD_CODE2: B0 0x28]
A3. [A_FIELD_CODE3: B0 0x29]
A4. [A_FIELD_CODE4: B0 0x2A]
A5. [A_FIELD_CODE5: B0 0x2B]
A6. [A_FIELD_CODE6: B0 0x2C]
A1
A2
A3
A4
A5
A6
LSB
M1. [M_FIELD_CODE1: B0 0x23]
M2. [M_FIELD_CODE2: B0 0x24]
M3. [M_FIELD_CODE3: B0 0x25]
M4. [M_FIELD_CODE4: B0 0x26]
M1
M2
M3
M4
C1
C2
C3
C4
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com