Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  ML7406 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
FEDL7406-02
ML7406
4/104
■Product Name
■Description Convention
1) Numbers description
‘0xnn’ indicates hexa decimal. ‘0bnn’ indicates binary.
Example: 0x11= 17(decimal), 0b11= 3(decimal)
2) Registers description
[<register name>: B<Bank No> <register address>] register
Example: [RF_STATUS: B0 0x0B] register
Register name: RF_STATUS
Bank No: 0
Register address: 0x0B
3) Bir name description
<bit name> ([<register name>: B<Bank No> <register address>(<bit location>)])
Example: SET_TRX[3:0] ([RF_STATUS: B0 0x0B(3-0)])
Bit name: SET_TRX
Register name: RF_STATUS
Bank No: 0
Register address: 0x0B
Bit location: bit3 to bit0
4) In this document
“TX” stands for transmittion.
“RX” stands for reception.
ML7406 y GDZ05BL
y = C: Crystal Input
S: SPXO Input
T: TCXO input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com