Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 30 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 30 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 104 page
background image
FEDL7406-02
ML7406
30/104
(b) CI-field = 0x8D
For TX, if 8 bytes extention format is used, set EXT_PKT_MODE[1:0]([PKT_CTRL1: B0 0x04(7-6)])=0b10.
For RX, if RX_EXTPKT_OFF([PKT_CTRL1: B0 0x04(3)])=0b0, ML7406 recognizes “CI-field” and RX operation is
processed.
*1: 1st Block is identical to normal Format B..
*2: Indicating TX FIFO data storage area size.
*3: Indicating RX FIFO data storage area size.
*4: When RXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(7-6)])=0b10, indicating DCLK/DIO output area.
Length
MSB
LSB
Preamble
Sync
Word
L
field
Manchester/3-out-of-6 applicable [B0 0x07(3-2,1-0)]
1st Block
(*1)
2nd Block
Optional Block
Postamble
ACC
field
CI
field
CC
field
CRC
field
Data
field
CRC
field
Data
field
1
byte
9
bytes
1
byte
1
byte
1
byte
1
byte
2
bytes
2
bytes
Max. 106
bytes
Max.126
bytes
2-8
bits
10/18/
32bits
> n*2
bits
CRC applicable
CRC applicable
C-A
field
Extended
Block
SN
field
4
bytes
CRC
field
2
bytes
CRC applicable
CI
field
(*2)
(*2)
(*3)
(*2)
(*4)
[B0 0x07]
[B0 0x42]
[B0 0x43]
[B0 0x44]
[B0 0x08]
[B1 0x25-2E]
[B0 0x05]
[B0 0x7A/7B, 7D/7E]
TX: automatic insertion
RX: automatic detection, deletion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com