Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 20 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 20 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
FEDL7406-02
ML7406
20/104
[Burst access mode timing chart]
By maintaining SCEN line as “L”, Burst access mode will be active. By setting SCEN line to “H”, exiting from the burst
access mode. During burst access mode, address will be automatically incremented.
When SCEN line becomes “H” before Clock for D0 is input, data transaction will be aborted.
(Note)
If destination is [WR_TX_FIFO: B0 0x7C], [RD_FIFO: B0 0x7F], address will not be incremented. And continuous FIFO
access is possible.
[Write]
Read data field
SCEN
Write data field
Address field
W
SCEN
Address field
R
Write data field
Read data field
[Read]
A
6
A
0
A
6
A
0
D
7
D
0
D
7
D
0
SDO
SDI
SCLK
(Register write timing)
Before clock stable
After clock stable
D7-0
D7-0
D7-0
D7-0
“1”
“0”
Up to 0.45μs
Up to 0.45μs
SCLK
SDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com