Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 70 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 70 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 66Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 67Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 68Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 104 page
background image
FEDL7406-02
ML7406
70/104
(4) IDLE determination exclusion under strong signal input
If acquired ED value exceeds [CCA_IGNORE_LVL: B0 0x36] register, IDLE dertermination is not performed as lon as a
given ED value is included in the averaging target range. If average ED value including this strong ED value indicated in
[ED_RSLT: B0 0x39] rehgiser exceeds the CCA threshold value defined by [CCA_LVL: B0 0x37] register, it is considered
as ”BUSY”. And CCA_RSLT[1:0]([CCA_CTRL: B0 0x39(1-0)])=0b01 is set.
If average ED value is smaller than CCA threshold value, IDLE determination is not performed and
CCA_RSLT[1:0]([CCA_CTRL: B0 0x39(1-0)]) indicates 0b11 ”CCA evaluation under going (ED value excluding CCA
judgement acquisition)”. CCA will continue until IDLE or BUSY determination (in case of IDLE detection mode, IDLE is
determined. In case of continuous mode, CCA_STOP([CCA_CTRL: B0 0x39(7)]) is issued.)
(Note)
CCA completion interrupt (INT[18] group3) is generated CCA only when IDLE or BUSY is determined. Therefore, if data
whose ED value exceeds CCA_IGNORE_LVL are input intermittently, neither IDLE or BUSY cane be determined and
CCA may continues.
[ED value acquisition under extrem strong signal]
ED value
(analog)
[CCA_IGNORE_LVL: B0 0x36]
ED value
Shift register
(ED value 8 times
average)
[Time 1]
[Time2]
[Time 3]
[Time 8]
[Time 9]
Averaging target includes ED
value exceeding
CCA_IGNORE_LVL. In this case
IDLE determination is not done.
However, if averaging value
exceeds CCA_LVL, BUSY is
determined.
ED value, which includes CCA_IGNORE_LVL,
is out of averaging target. In this case, IDLE is
determined.
ED value >CCA_IGNORE_LVL
●
●
●



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com