Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 96 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 96 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 100Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
FEDL7406-02
ML7406
96/104
bit
address
[HEX]
Register name
description
7
6
5
43210
6E
VCO_CAL
VCO calibration setting or status indicarion
6F
VCO_CAL_START
VCO calibration execution
70
CLK_CAL_SET
Clock calibration setting
71
CLK_CAL_TIME
Clock calibration time setting
72
CLK_CAL_H
Clock calibration value readout (high byte)
73
CLK_CAL_L
Clock calibration value readout (low byte)
74
Reserved
75
SLEEP_INT_CLR
Interrupt clear setting during SLEEP state
76
RF_TEST_MODE
TX test pattern setting
77
STM_STATE
Sate machine status and synchronization status indication
78
FIFO_SET
FIFO readout setting
79
RD_FIFO_LAST
RX FIFO data usage status indication
7A
TX_PKT_LEN_H
TX packet length setting (high byte)
7B
TX_PKT_LEN_L
TX packet length setting (low byte)
7C
WR_TX_FIFO
TX FIFO
7D
RX_PKT_LEN_H
RX packet length indication (high byte)
7E
RX_PKT_LEN_L
RX packet length indication (low byte)
7F
RD_FIFO
FIFO read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com