Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 53 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 53 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
FEDL7406-02
ML7406
53/104
[Calculation example of above “A” range]
Condition: Master clock 26MHz, n=33
TX:(26*33+0.5)MHz ≤ channel frequency to be used ≤ (26*(33+1)-0.5)
→ 858.5MHz ≤ channel frequency to be used ≤883.5MHz
RX:(26*33+2.2)MHz ≤ channel frequency to be used ≤ (26*(33+1)-2.2)
→ 860.2MHz ≤ channel frequency to be used ≤881.8MHz
(Note)
“CH#0 frequency (Hz)” and “channle space (Hz)” may have error (Hz). Then the “channel frequency error (Hz)” is
defined as following formula.
Channel frequency error (Hz) = CH#0 frequency error (Hz) + channel space error (Hz)* channel setting
When changing “channel frequency” by setting “channel setting” without “CH#0 frequency” change, the “channel
frequency error” will become larger than by setting both “CH#0 frequency” and “channel setting”. If the “channle
frequency error” is larger than expection, please consider to change “CH#0 frequency”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com